công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL-SF1016D bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TL-SF1016D
Giải thích chi tiết về linh kiện  16-Port 10/100M Desktop Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1016D bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TL-SF1016D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1016D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Internet
External ADSL2+ Modem Router
TD-8810
10/100M
10/100/1000M
Up to 200Mbps full duplex bandwidth
capability for high speed data processing
Innovative energy-ecient technology
saves power up to 35%
Plug and play design simplies installation
Auto-MDI/MDIX eliminates the need for
crossover cables
IEEE 802.3x ow control provides reliable
data transfer
Wire speed switching ensures minimum
network congestion
Auto negotiation ports provides smart
integration between 10Mbps and 100Mbps
hardware
www.tp-link.com
Features:
Specifications:
TL-SF1016D
10/100M Desktop Switch
Standards
Protocol
Interfaces
Switching Features
Forwarding Rate
Data Rate
LEDs
Transfer Method
MAC Address Learning
Power Supply
Safety & Emission
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Dimensions(L x W x H)
IEEE 802.3, IEEE 802.3u, IEEE 802.3x
CSMA/CD
16 10/100Mbps, Auto-Negotiation, Auto MDI/MDIX
Half and Full Duplex
MAC Address Learning
3.2Gbps backplane bandwidth
10BASE-T: 14880pps/port
100BASE-TX: 148800pps/port
10/100Mbps at Half Duplex
20/200Mbps at Full Duplex
Power, 1 ~ 16
Store-and-Forward
Automatically learning, automatically update
External Power Adapter
CE, FCC
0°C ~ 40°C (32°F ~ 104°F )
-40°C ~ 70°C (-40°F ~ 158°F )
10% ~ 90% RH non-condensing
5% ~ 90% RH non-condensing
7.9 x 5.6 x 1.6 in. (200 x 142 x 40 mm)
-
-
-
-
-
-
Package:
Related Products:
16-Port 10/100M Desktop Switch
TL-SF1016D
Power Adapter
User Guide
1-Port External ADSL2+ Modem Router
TD-8810
10/100M CardBus Network Adapter
TF-5239
10/100M PCI Network Adapter
TF-3200
Diagram:
Specifications are subject to change without notice. TP-LINK is a
registered trademark of TP-LINK Technologies Co., Ltd. Other brands
and product names are trademarks or registered trademarks of their
respective holders. No part of the specificationsmay be reproduced
in any form or by any means or used to make any derivative such as
translation, transformation, or adaptation without permission from
TP-LINK Technologies Co., Ltd.
Copyright © 2009 TP-LINK Technologies Co., Ltd. All rights reserved.
Desktop PC
Notebook PC
Sever
......
......
......
TF-3200 10/100M PCI Network Adapter
TF-5239 10/100M CardBus Network Adapter


Số phần tương tự - TL-SF1016D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TL-SF1016DS ETC2-TL-SF1016DS Datasheet
848Kb / 3P
   10/100Mbps Desktop/Rackmount Switch
More results

Mô tả tương tự - TL-SF1016D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
   16 Port 10M/100M Ethernet Switch
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
IP1726LF ETC2-IP1726LF Datasheet
249Kb / 33P
   26-port 10/100M Smart Switch Controller
logo
ORing Industrial Networ...
DES-3082GP-P ORING-DES-3082GP-P Datasheet
1Mb / 4P
   Industrial 10-port desktop managed Ethernet switch
logo
Zarlink Semiconductor I...
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com