công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2757 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM2757
Giải thích chi tiết về linh kiện  LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2757 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2757_15 Datasheet HTML 7Page - Texas Instruments LM2757_15 Datasheet HTML 8Page - Texas Instruments LM2757_15 Datasheet HTML 9Page - Texas Instruments LM2757_15 Datasheet HTML 10Page - Texas Instruments LM2757_15 Datasheet HTML 11Page - Texas Instruments LM2757_15 Datasheet HTML 12Page - Texas Instruments LM2757_15 Datasheet HTML 13Page - Texas Instruments LM2757_15 Datasheet HTML 14Page - Texas Instruments LM2757_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM2757
www.ti.com
SNVS536F – OCTOBER 2007 – REVISED JULY 2015
Feature Description (continued)
The LM2757 uses fixed frequency pre-regulation to regulate the output voltage. The input and output
connections of the flying capacitors are made with internal MOS switches. Pre-regulation limits the gate drive of
the MOS switch connected between the voltage input and the flying capacitors. Controlling the on resistance of
this switch limits the amount of charge transferred into and out of each flying capacitor during the charge and
discharge phases, and in turn helps to keep the output ripple very low.
8.3.1 Efficiency Performance
Charge-pump efficiency is derived in Equation 1 and Equation 2 (supply current and other losses are neglected
for simplicity):
IIN = G × IOUT
(1)
E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
where
G = the charge pump gain
E = efficiency
(2)
Efficiency is at its highest as G × VIN approaches VOUT. Refer to Typical Characteristics for detailed efficiency
data. The transition between gains of 3/2 and 2 are clearly distinguished by the sharp discontinuity in the
efficiency curve.
8.3.2 Soft Start
The LM2757 employs soft-start circuitry to prevent excessive input inrush currents during start-up. At start-up,
the output voltage gradually rises from 0 V to the nominal output voltage. This occurs in 300 µs (typical). Soft-
start is engaged when the device is enabled.
8.3.3 Thermal Shutdown
Protection from damage related to overheating is achieved with a thermal shutdown feature. When the junction
temperature rises to 145°C (typical), the device switches into shutdown mode. The LM2757 disengages thermal
shutdown when the junction temperature of the part is reduced to 135°C (typical). Due to the high efficiency of
the LM2757, thermal shutdown and/or thermal cycling are not encountered when the part is operated within
specified input voltage, output current, and ambient temperature operating ratings. If thermal cycling is seen
under these conditions, the most likely cause is an inadequate PCB layout that does not allow heat to be
sufficiently dissipated out of the device.
8.3.4 Current-Limit Protection
The LM2757 charge pump contains current-limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 250 mA (typical).
8.4 Device Functional Modes
8.4.1 Enable and Voltage Mode Selection
The LM2757 is enabled when either one of the mode select pins (M0, M1) has a logic High voltage applied to it.
There are 450-k
Ω pulldown resistors connected internally to each of the mode select pins. The voltage mode is
selected according to Table 1.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2757


Số phần tương tự - LM2757_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
More results

Mô tả tương tự - LM2757_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com