công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2734Z bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM2734Z
Giải thích chi tiết về linh kiện  LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2734Z bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM2734Z_15 Datasheet HTML 2Page - Texas Instruments LM2734Z_15 Datasheet HTML 3Page - Texas Instruments LM2734Z_15 Datasheet HTML 4Page - Texas Instruments LM2734Z_15 Datasheet HTML 5Page - Texas Instruments LM2734Z_15 Datasheet HTML 6Page - Texas Instruments LM2734Z_15 Datasheet HTML 7Page - Texas Instruments LM2734Z_15 Datasheet HTML 8Page - Texas Instruments LM2734Z_15 Datasheet HTML 9Page - Texas Instruments LM2734Z_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
L
R
1
R
2
D
1
D2
BOOST
Output
Control
Logic
Current
Limit
Thermal
Shutdown
Under
Voltage
Lockout
Corrective Ramp
Reset
Pulse
PWM
Comparator
Current-Sense Amplifier
RSENSE
+
+
Internal
Regulator
and
Enable
Circuit
Oscillator
Driver
0.3:
Switch
Internal
Compensation
SW
EN
FB
GND
Error Amplifier
-
+
VREF
0.8V
COUT
ON
OFF
VBOOST
IL
VSW
+
-
CBOOST
VOUT
CIN
VIN
VIN
ISENSE
+
-
+
-
0.88V
-
+
OVP
Comparator
Error
Signal
LM2734Z
SNVS334E – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
Block Diagram
APPLICATION INFORMATION
THEORY OF OPERATION
The LM2734Z is a constant frequency PWM buck regulator IC that delivers a 1A load current. The regulator has
a preset switching frequency of 3MHz. This high frequency allows the LM2734Z to operate with small surface
mount capacitors and inductors, resulting in a DC/DC converter that requires a minimum amount of board space.
The LM2734Z is internally compensated, so it is simple to use, and requires few external components. The
LM2734Z uses current-mode control to regulate the output voltage.
The following operating description of the LM2734Z will refer to the Simplified Block Diagram (Block Diagram)
and to the waveforms in Figure 9. The LM2734Z supplies a regulated output voltage by switching the internal
NMOS control switch at constant frequency and variable duty cycle. A switching cycle begins at the falling edge
of the reset pulse generated by the internal oscillator. When this pulse goes low, the output control logic turns on
the internal NMOS control switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN,
and the inductor current (IL) increases with a linear slope. IL is measured by the current-sense amplifier, which
generates an output proportional to the switch current. The sense signal is summed with the regulator’s
corrective ramp and compared to the error amplifier’s output, which is proportional to the difference between the
feedback voltage and VREF. When the PWM comparator output goes high, the output switch turns off until the
next switching cycle begins. During the switch off-time, inductor current discharges through Schottky diode D1,
which forces the SW pin to swing below ground by the forward voltage (VD) of the catch diode. The regulator
loop adjusts the duty cycle (D) to maintain a constant output voltage.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2734Z


Số phần tương tự - LM2734Z_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Mô tả tương tự - LM2734Z_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com