công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2622 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM2622
Giải thích chi tiết về linh kiện  LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2622 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2622_15 Datasheet HTML 6Page - Texas Instruments LM2622_15 Datasheet HTML 7Page - Texas Instruments LM2622_15 Datasheet HTML 8Page - Texas Instruments LM2622_15 Datasheet HTML 9Page - Texas Instruments LM2622_15 Datasheet HTML 10Page - Texas Instruments LM2622_15 Datasheet HTML 11Page - Texas Instruments LM2622_15 Datasheet HTML 12Page - Texas Instruments LM2622_15 Datasheet HTML 13Page - Texas Instruments LM2622_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
t (s)
t (s)
L
i
'
IL_AVG
ID_AVG
=IOUT_AVG
D*Ts
Ts
D*Ts
Ts
IL (A)
ID (A)
L
V
IN
L
V
V
OUT
IN
L
V
V
OUT
IN
(a)
(b)
LM2622
SNVS068E – MAY 2000 – REVISED MARCH 2013
www.ti.com
INTRODUCTION TO COMPENSATION
(a) Inductor current
(b) Diode current
Figure 18.
The LM2622 is a current mode PWM boost converter. The signal flow of this control scheme has two feedback
loops, one that senses switch current and one that senses output voltage.
To keep a current programmed control converter stable above duty cycles of 50%, the inductor must meet
certain criteria. The inductor, along with input and output voltage, will determine the slope of the current through
the inductor (see Figure 18 (a)). If the slope of the inductor current is too great, the circuit will be unstable above
duty cycles of 50%. A 10µH inductor is recommended for most 600 kHz applications, while a 4.7µH inductor may
be used for most 1.25 MHz applications. If the duty cycle is approaching the maximum of 85%, it may be
necessary to increase the inductance by as much as 2X. See INDUCTOR AND DIODE SELECTION for more
detailed inductor sizing.
The LM2622 provides a compensation pin (VC) to customize the voltage loop feedback. It is recommended that a
series combination of RC and CC be used for the compensation network, as shown in the typical application
circuit. For any given application, there exists a unique combination of RC and CC that will optimize the
performance of the LM2622 circuit in terms of its transient response. The series combination of RC and CC
introduces a pole-zero pair according to the following equations:
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2622


Số phần tương tự - LM2622_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Mô tả tương tự - LM2622_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com