công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TD501D485H-E bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện TD501D485H-E
Giải thích chi tiết về linh kiện  Isolation transceiver module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D485H-E bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD501D485H-E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D485H-E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D485H-E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD501D485H-E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Bus
TDx01D485H-E Series
2015.03.10-A/3
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
single high speed RS485 isolation transceiver
module(enhanced version)
CB
RoHS
FEATURES
Baud rate high up to 500Kbps
Connect up to 256 nodes on one bus
2500VDC isolation input and output
Integrated high efficiency isolated DC/DC
converter
Operating temperature range: -40℃~+85℃
ESD protection, perfect EMC recommend
circuit
PART NUMBER SYSTEM
TD501D485H-E
Special mark
Rate
Port signal type
Package type
Channel number
Power distrubution output
Power input
Digital bus interface product type
Single high rate RS485 isolation transceiver module TD301D485H-E/TD501D485H-E series are RS485 transceiver module with integrated
isolated power, Signal isolated chip and the bus protection device.
Product's main function is to convert logic level to difference level of the RS485 agreement, and it implements the function of signal
isolation.Products is with isolation power. It can achieve 2500 VDC electrical isolation and have the function of ESD protection. Product can
be easily embedded user equipment, makes the equipment easily implement connection of RS485 protocol network .
Selection Guide
Certification
Part No.
Power Supply input (VDC)
UL/CE
TD301D485H-E
3.17~3.45
TD501D485H-E
4.75~5.25
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Static current
Products energized, no communication
40mA
Send current
200kbps Square wave communication
70mA
Input
Serial interface
TD301D485H-E compatible with + 3.3 V UART interface
TD501D485H-E compatible with + 5 V UART interface
Pin current
ITXD≤2mA;IRXD≤2 mA; ICON≤5mA
Bus Interface
Item
Operating Conditions
Value
Output
RS485 bus interface
Standard interface RS485 ,pull-up and pull-down resistor, whose
value is 5.1K,have been set to A/B line.
Transmission Specifications
Item
Operating Conditions
Value
Data Rate
500Kbps (max.)
Transceiver Switching Delay
The delay time from the receiving data switch to the send
data : 30 μs(min.), 100 μs(max.).
The Number of Nodes
Connect up to 256 nodes on one bus
Transceiver control
Contrary to common RS485 transceiver control level
Truth Table
Sending Status
Control
Input
Output
CON
TXD
A
B
Line state
01
1
0
Normal
00
0
1
Normal


Số phần tương tự - TD501D485H-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Mô tả tương tự - TD501D485H-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
   Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com