công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS03-15B15SR2S bảng dữ liệu(PDF) 6 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LS03-15B15SR2S
Giải thích chi tiết về linh kiện  3W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B15SR2S bảng dữ liệu(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  LS03-15B15SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC/DC Converter
LS03-15BxxSR2S(-F) Series
2015.03.17-A/2
Page 6 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note:
1.
Packing Information please refer to 'Product Packing Information'. Packing bag number: 58220032(LS03-15BxxSR2S)/58220025
(LS03-15BxxSR2S-F);
2.
External electrolytic capacitors are required to modules, more details refer to typical applications;
3.
This part is open frame, at least 6.4mm safety distance between the the primary and secondary external components of the module is
needed to meet the safety requirement;
4.
All specifications were measured at Ta=25°C, humidity<75%, nominal input voltage (115VAC or 230VAC)and rated output load unless
otherwise specified;
5.
In order to increase the conversion efficiency of the product with light load in the design, the product will have audio noise when it is
operating, but don’t affect the product's reliability and performance;
6.
Module required dispensing fixed after assembled;
7.
Recommends placing the insulation sheet between the bottom of the curved legs Module (LS03-R2S-F) and the PCB board,
recommended materials for the FR700, thickness is more than 0.4mm.
8.
All index testing methods in this datasheet are based on our Company’s corporate standards;
9.
We can provide product customization service;
10. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Số phần tương tự - LS03-15B15SR2S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS03-15B15SR2S MORNSUN-LS03-15B15SR2S Datasheet
344Kb / 6P
   AC/DC Converter
More results

Mô tả tương tự - LS03-15B15SR2S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com