công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H0512S-2W bảng dữ liệu(PDF) 4 Page - MORNSUN Science& Technology Ltd. |
|
H0512S-2W bảng dữ liệu(HTML) 4 Page - MORNSUN Science& Technology Ltd. |
4 / 5 page DC/DC Converter G_S-2W & H_S-2W Series 2015.04.28-C/1 Page 4 of 5 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Single L Vin GND +Vo 0V DC Cin L DC Cout Dual Vin GND +Vo 0V DC Cin L L DC L Cout Cout -Vo Fig. 3 Single Vin GND 0V +Vo DC DC REG REG Vin GND 0V +Vo DC DC -Vo REG REG REG Dual Fig. 4 Recommended capacitive load value table (Table 1) Vin (VDC) Cin (µF) Single Vout (VDC) Cout (µF) Dual Vout (VDC) Cout (µF) 5 10 3.3/5 10 ±5 4.7 12 4.7 9 4.7 ±9 2.2 24 2.2 12 2.2 ±12 1 -- -- 15 1 ±15/±24 0.47 It is not recommended to connect any external capacitor when output power is less than 0.5W. 2. EMC typical recommended circuit (CLASS B) Vin GND +Vo -Vo ( ) 0V DC/DC LOAD LDM C1 C2 Vin GND C3 Fig. 5 Recommended typical circuit parameters: Input voltage (V) 5/12/24 EMI C1,C2 4.7µF /50V C3 Refer to the Cout in Fig.3 LDM 6.8µH 3. Output load requirements To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If the actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of the rated power, and derating is required during operation. 4. For more information please find the application notes on www.mornsun-power.com Dimensions and Recommended Layout |
Số phần tương tự - H0512S-2W |
|
Mô tả tương tự - H0512S-2W |