công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3470BB bảng dữ liệu(PDF) 11 Page - Nippon Precision Circuits Inc

tên linh kiện SM3470BB
Giải thích chi tiết về linh kiện  Interpolation Encoder IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3470BB bảng dữ liệu(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM3470BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SM3470BB
SEIKO NPC CORPORATION - 11
Power-ON Timing
When power is applied, the settings written in EEPROM and the adjustment data are automatically transferred to the register. During this
interval, the outputs are disabled (Hi-Z). If there is a discrepancy between the data written to the resister and the EEPROM data after data
verification, the EEPROM settings are automatically transferred again and then the outputs are enabled if the data matches. The automatic
transfer time is 200µs or less. During this interval, the VPP terminal should be left open. If a voltage is applied to VPP, the automatic
transfer of settings is aborted.
Serial Interface
The IC has a built-in EEPROM for the register for the analog circuit adjustment and operating mode settings, and for data retention. The
EEPROM is accessed using a 3-wire serial interface.
The CE, CLK, and DATA signal inputs are used only when writing and reading data, and should not be modified at other times to prevent
incorrect operation.
The serial interface is disabled during the interval while the settings are automatically transferred from EEPROM to the register after power
is applied.
Data Format
* The read and write data are not guaranteed if there are too many or too few CLK pulses.
* Control the EEPROM data write time using the HIGH-level pulse time of the 15th and 16th pulses on CLK.
* The operating mode setting is ignored when writing to EEPROM. The mode is set when writing to the register.
VDD
EEPROM
Function
EEPROM
ALL-DATA READ
DATA
Verify
Output
(DA,DB,DZ)
Output enable
Output disable
Hi-Z
OK
NG
Power On Reset release
R/W
R/E
A2
A1
A0
D5
D4
D3
D2
D1
D0
CE
CLK
DATA
Data
Address
Access destination: Register/EEPROM
Read/Write
D7
D6
D8
12
34
5
6
78
9
10
11
12
13
14
15
16
L: Read
H: Write
L: Register
H: EEPROM


Số phần tương tự - SM3470BB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3471AB NPC-SM3471AB Datasheet
330Kb / 9P
   Input frequency - 300kHz - max
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
More results

Mô tả tương tự - SM3470BB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
logo
IC-Haus GmbH
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com