công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3322ARA bảng dữ liệu(PDF) 9 Page - Nippon Precision Circuits Inc

tên linh kiện SM3322ARA
Giải thích chi tiết về linh kiện  Dark current compensation circuit built-in for stable signal output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3322ARA bảng dữ liệu(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM3322ARA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 11Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 12Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SM3322ARA
SEIKO NPC CORPORATION - 9
Gain Setting (register write mode, OE = LOW or open-circuit)
If OE is LOW or open circuit, serial interface operation starts when SE goes HIGH.
Write data comprises 1 read/write mode bit (write mode = 0), 3 address bits, and 12 write data bits transferred in sequence. If the address
data bits match the address control pin settings (meaning the device is addressed), the write data is loaded into the register, and the write
data becomes valid and serial interface operation ends when SE goes LOW. Note that data will be corrupted if there are less than or more
than 16 clock pulses received during serial data transfer.
Register write (when OE is LOW)
Register write (when OE is open-circuit)
Analog Output Control (register write mode, OE = HIGH)
If OE is HIGH, serial interface operation starts when SE goes HIGH.
Write data comprises 1 read/write mode bit (write mode = 0), 3 address bits, and 4 dummy data bits transferred in sequence. The address
data becomes valid and serial interface operation ends when SE goes LOW. If the address data bits match the address control pin settings
(meaning the device is addressed), the output is enabled. If the output was already enabled and the address data does not match the address
pin settings, the output is disabled. Note that if there are less than or more than 8 clock pulses received during serial data transfer, an address
mismatch occurs and the output is disabled.
In addition, sequential write cycles to the register are permitted while OE is HIGH.
Register write (when OE is HIGH)
OE
SE
DATA
CLK
A2
A1
A0
R/W
-
CS1
CS0
TS1
TS0
GS3
GS2
GS1
GS0
1234
5
6
7
8
9
10
11
12
13
14
15
16
"L"
-
-
-
OE
SE
DATA
CLK
OUT
A2
A1
A0
R/W
-
CS1
CS0
TS1
TS0
GS3
GS2
GS1
GS0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
"L"
(OPEN)
(Hi-Z)
-
-
-
OE
SE
DATA
CLK
OUT
A2
A1
A0
R/W
-
1234
5
6
78
(Hi-Z)
-
-
-


Số phần tương tự - SM3322ARA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sinopower Semiconductor...
SM3322NHQA SINOPWER-SM3322NHQA Datasheet
252Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM3322NHQAC-TRG SINOPWER-SM3322NHQAC-TRG Datasheet
252Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Mô tả tương tự - SM3322ARA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3320AGA NPC-SM3320AGA Datasheet
255Kb / 15P
   Dark current compensation circuit built-in for stable signal output
logo
ON Semiconductor
NOA1211 ONSEMI-NOA1211 Datasheet
148Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
March, 2011 ??Rev. 0
NOA1212 ONSEMI-NOA1212 Datasheet
158Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
August, 2012 ??Rev. 1
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com