công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3321A bảng dữ liệu(PDF) 9 Page - Nippon Precision Circuits Inc

tên linh kiện SM3321A
Giải thích chi tiết về linh kiện  High-sensitivity preamplifier for visible to infrared detection using a single IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3321A bảng dữ liệu(HTML) 9 Page - Nippon Precision Circuits Inc

  SM3321A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SM3321A
SEIKO NPC CORPORATION - 9
Please pay your attention to the following points at time of using the products shown in this document.
1. The products shown in this document (hereinafter ”Products”) are designed and manufactured to the generally accepted standards of
reliability as expected for use in general electronic and electrical equipment, such as personal equipment, machine tools and
measurement equipment. The Products are not designed and manufactured to be used in any other special equipment requiring
extremely high level of reliability and safety, such as aerospace equipment, nuclear power control equipment, medical equipment,
transportation equipment, disaster prevention equipment, security equipment. The Products are not designed and manufactured to be
used for the apparatus that exerts harmful influence on the human lives due to the defects, failure or malfunction of the Products.
If you wish to use the Products in that apparatus, please contact our sales section in advance.
In the event that the Products are used in such apparatus without our prior approval, we assume no responsibility whatsoever for any
damages resulting from the use of that apparatus.
2. NPC reserves the right to change the specifications of the Products in order to improve the characteristics or reliability thereof.
3. The information described in this document is presented only as a guide for using the Products. No responsibility is assumed by us for any
infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise
under any patents or other rights of the third parties. Then, we assume no responsibility whatsoever for any damages resulting from that
infringements.
4. The constant of each circuit shown in this document is described as an example, and it is not guaranteed about its value of the mass
production products.
5. In the case of that the Products in this document falls under the foreign exchange and foreign trade control law or other applicable laws and
regulations, approval of the export to be based on those laws and regulations are necessary. Customers are requested appropriately take
steps to obtain required permissions or approvals from appropriate government agencies.
SEIKO NPC CORPORATION
1-9-9, Hatchobori, Chuo-ku,
Tokyo 104-0032, Japan
Telephone: +81-3-5541-6501
Facsimile: +81-3-5541-6510
http://www.npc.co.jp/
Email:sales@npc.co.jp
ND13029-E-01 2015.07


Số phần tương tự - SM3321A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sinopower Semiconductor...
SM3321NSQA SINOPWER-SM3321NSQA Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM3321NSQAC-TRG SINOPWER-SM3321NSQAC-TRG Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Mô tả tương tự - SM3321A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
   High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
Hamamatsu Corporation
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
Hamamatsu Corporation
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com