công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R_10018 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện R_10018
Giải thích chi tiết về linh kiện  Smart lighting A bright idea whose time has come
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

R_10018 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  R_10018 Datasheet HTML 1Page - NXP Semiconductors R_10018 Datasheet HTML 2Page - NXP Semiconductors R_10018 Datasheet HTML 3Page - NXP Semiconductors R_10018 Datasheet HTML 4Page - NXP Semiconductors R_10018 Datasheet HTML 5Page - NXP Semiconductors R_10018 Datasheet HTML 6Page - NXP Semiconductors R_10018 Datasheet HTML 7Page - NXP Semiconductors R_10018 Datasheet HTML 8Page - NXP Semiconductors R_10018 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
R_10018
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Report
Rev. 1 — 20 December 2011
3 of 10
NXP Semiconductors
R_10018
Smart lighting: a bright idea whose time has come
1.
Introduction
The increasing cost of energy, concerns about global warming due to CO2 emissions,
and, more recently, supply issues resulting from natural disasters, such as the earthquake
in Japan, are driving energy-reduction programs. Lighting, which represents up to 25 % of
home energy usage, is a natural place to start when looking for ways to save on energy.
The transition to newer, more efficient lighting technologies has already begun to replace
incandescent bulbs. Compact-fluorescent lighting (CFL) and Solid-State Lighting (SSL),
two of the most popular alternatives to incandescent bulbs, are now commonplace in
homes, offices, retail spaces, and along city streets and highways. A number of
governments around the world have even passed measures to phase out incandescent
bulbs entirely, so it is likely that CFLs and SSLs will continue to grow in popularity.
The latest CFLs and SSLs are equipped with very compact, relatively inexpensive driver
ICs that deliver even higher energy efficiency (more lumen light output per watt of energy
input). The control circuitry adds a range of other benefits, including improved system
reliability, ‘boost’ functions that reduce start-up time, deep dimming capabilities, and
extended lamp lifetimes (12,000 to 15,000 hours for CFL and over 35,000 hours for SSL).
These next-generation CFLs and SSLs have already had a tangible impact on energy
consumption, but there is more that can be done.
Building on the concept of using driver ICs to improve lamp operations, there is a way to
save even more. By adding wireless IP connectivity to the driver circuitry, it is possible to
create a more intelligent light bulb. The new approach makes it easier to manage energy
consumption, because individual lamps can be used only when and where they are
needed, and at the right brightness level. Also, the wireless approach provides a simple
way to implement a smart lighting network in existing residences, so even older homes
can take advantage of the new concept.
2.
An internet address for every bulb
Figure 1 shows a home automation network that uses smart lighting.
Every lamp has its own IP address and can be wirelessly controlled by an IP device, such
as a smartphone, tablet, laptop, or Internet-enabled TV. This makes it possible to create a
highly personalized, intelligent lighting environment. Lights can turn on and off when and
Fig 1.
A smart lighting network


Số phần tương tự - R_10018

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-SWITCH
R010010 E-SWITCH-R010010 Datasheet
31Kb / 1P
   All Dimension In MM
logo
Integrated Technology F...
R31001 ITF-R31001 Datasheet
255Kb / 6P
   SAW Resonator
logo
Powerex Power Semicondu...
R5100110 POWEREX-R5100110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100115 POWEREX-R5100115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R6100120 POWEREX-R6100120 Datasheet
686Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1200 Volts)
More results

Mô tả tương tự - R_10018

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
PTCLL VISHAY-PTCLL Datasheet
95Kb / 3P
   Thermistors, Time Delay for Lighting
Revision: 30-Nov-15
PTCLL VISHAY-PTCLL_V01 Datasheet
94Kb / 3P
   PTC Thermistors, Time Delay for Lighting
01-Jan-2022
logo
Gamma Microelectronics ...
GM9601 GAMMA-GM9601 Datasheet
145Kb / 6P
   Universal LED Driver for Super Bright LED Lighting
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
Hammond Manufacturing L...
1457C802 HAMMOND-1457C802 Datasheet
930Kb / 1P
   Aluminum extrusion has a tolerance
logo
Renesas Technology Corp
HD404358 RENESAS-HD404358 Datasheet
385Kb / 102P
   microcomputer has an A/D converter,
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
   microcomputer has an A/D converter
logo
KODENSHI_AUK CORP.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
   KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
   KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
logo
BCM Advanced Research.
EEV-MX01 BCM-EEV-MX01 Datasheet
206Kb / 1P
   GPU Development board for COMe Type6
2020/10/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com