công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25118 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM25118
Giải thích chi tiết về linh kiện  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25118 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM25118_15 Datasheet HTML 3Page - Texas Instruments LM25118_15 Datasheet HTML 4Page - Texas Instruments LM25118_15 Datasheet HTML 5Page - Texas Instruments LM25118_15 Datasheet HTML 6Page - Texas Instruments LM25118_15 Datasheet HTML 7Page - Texas Instruments LM25118_15 Datasheet HTML 8Page - Texas Instruments LM25118_15 Datasheet HTML 9Page - Texas Instruments LM25118_15 Datasheet HTML 10Page - Texas Instruments LM25118_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM25118, LM25118-Q1
www.ti.com
SNVS726D – JULY 2011 – REVISED AUGUST 2014
6.5 Electrical Characteristics
(1)
Unless otherwise specified, the following conditions apply: VIN = 24 V, VCCX = 0 V, EN = 5 V, RT = 29.11 k
Ω, no load on LO
and HO.
(1)
–40°C to +125°C
TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIN SUPPLY
IBIAS
VIN Operating Current
VCCX = 0 V
5.5
4.5
mA
IBIASX
VIN Operating Current
VCCX = 5 V
1.85
1
mA
ISTDBY
VIN Shutdown Current
EN = 0 V
10
1
µA
VCC REGULATOR
VCC(REG) VCC Regulation
VCCX = 0 V
6.8
7.2
7
V
VCC(REG) VCC Regulation
VCCX = 0 V, VIN = 6 V
5
5.5
5.25
V
VCC Sourcing Current Limit
VCC = 0
21
35
mA
VCCX Switch threshold
VCCX Rising
3.68
4.02
3.85
V
VCCX Switch hysterisis
0.2
V
VCCX Switch RDS(ON)
ICCX = 10 mA
12
5
VCCX Switch Leakage
VCCX = 0 V
1
0.5
µA
VCCCX Pull-down Resistance
VCCX = 3 V
70
k
VCC Under-Voltage Lockout
VCC Rising
3.52
3.86
3.7
V
Voltage
VCC Under-Voltage Hysterisis
0.21
V
HB DC Bias current
HB-HS = 15 V
260
205
µA
VC LDO Mode Turn-off
10
V
EN INPUT
VEN(OFF) EN Input Low Threshold
VEN Falling
0.5
V
VEN(ON)
EN Input High Threshold
VEN Rising
3.00
V
EN Input Bias Current
VEN = 3 V
-1
1
µA
EN Input Bias Current
VEN = 0.5 V
-1
1
µA
EN Input Bias Current
VEN = 42 V
50
µA
UVLO THRESHOLDS
UVLO
UVLO Standby Threshold
UVLO Rising
1.191
1.271
1.231
V
ΔUVLO
UVLO Threshold Hysteresis
0.105
V
UVLO Pull-up Current Source
UVLO = 0 V
5
µA
UVLO Pull-down RDS(ON)
200
100
(1)
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25118 LM25118-Q1


Số phần tương tự - LM25118_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

Mô tả tương tự - LM25118_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com