công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25085-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25085-Q1
Giải thích chi tiết về linh kiện  LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25085-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM25085-Q1 Datasheet HTML 1Page - Texas Instruments LM25085-Q1 Datasheet HTML 2Page - Texas Instruments LM25085-Q1 Datasheet HTML 3Page - Texas Instruments LM25085-Q1 Datasheet HTML 4Page - Texas Instruments LM25085-Q1 Datasheet HTML 5Page - Texas Instruments LM25085-Q1 Datasheet HTML 6Page - Texas Instruments LM25085-Q1 Datasheet HTML 7Page - Texas Instruments LM25085-Q1 Datasheet HTML 8Page - Texas Instruments LM25085-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM25085, LM25085-Q1
www.ti.com
SNVS593J – OCTOBER 2008 – REVISED NOVEMBER 2014
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range, unless otherwise stated. VIN = 24V, RT = 100kΩ unless otherwise stated. (See
(1)).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN PIN
IIN
Operating Current
Non-Switching, FB = 1.4V (2)
1.25
1.75
mA
IQ
Shutdown Current
RT = 0V (2)
175
300
µA
VCC REGULATOR (3)
VCC(reg)
VIN - VCC
Vin = 9V, FB = 1.4V, ICC = 0mA
6.9
7.7
8.5
V
Vin = 9V, FB = 1.4V, ICC = 20mA
7.7
V
Vin = 42V, FB = 1.4V, ICC = 0mA
7.7
V
UVLOVcc
VCC Under-Voltage Lock-Out
VCC Increasing
3.8
V
Threshold
UVLOVcc Hysteresis
VCC Decreasing
260
mV
VCC(CL)
VCC Current Limit
FB = 1.4V
20
40
mA
PGATE PIN
VPGATE(HI)
PGATE High Voltage
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)
PGATE Low Voltage
PGATE Pin = Open
VCC
VCC+0.1
V
VPGATE(HI)4.5
PGATE High Voltage at Vin = 4.5V
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)4.5
PGATE Low Voltage at Vin = 4.5V
PGATE Pin = Open
VCC
VCC+0.1
V
IPGATE
Driver Output Source Current
VIN = 12V, PGATE = VIN - 3.5V
1.75
A
Driver Output Sink Current
VIN = 12V, PGATE = VIN - 3.5V
1.5
A
RPGATE
Driver Output Resistance
Source current = 500mA
2.3
Sink current = 500mA
2.3
CURRENT LIMIT DETECTION
IADJ
ADJUST Pin Current Source
VADJ = 22.5V
32
40
48
µA
VCL OFFSET
Current Limit Comparator Offset
VADJ = 22.5V, VADJ - VISEN
-9
0
9
mV
RT PIN
RTSD
Shutdown Threshold
RT Pin Voltage Rising
0.73
V
RTHYS
Shutdown Threshold Hysteresis
50
mV
ON-TIME
tON – 1
On-Time
VIN = 4.5V, RT = 100kΩ
3.5
5
7.15
µs
tON – 2
VIN = 24V, RT = 100kΩ
560
720
870
ns
tON - 3
VIN = 42V, RT = 100kΩ
329
415
500
ns
tON - 4
Minimum On-Time in Current Limit
VIN = 24V, 25mV Overdrive at ISEN
55
140
235
ns
(4)
OFF-TIME
tOFF(CL1)
Off-Time (Current Limit) (4)
VIN = 12V, VFB = 0V
5.35
7.9
10.84
µs
tOFF(CL2)
VIN = 12V, VFB = 1V
1.42
1.9
3.03
µs
tOFF(CL3)
VIN = 24V, VFB = 0V
8.9
13
17.7
µs
tOFF(CL4)
VIN = 24V, VFB = 1V
2.22
3.2
4.68
µs
REGULATION AND OVER-VOLTAGE COMPARATORS (FB PIN)
VREF
FB Regulation Threshold
1.225
1.25
1.275
V
VOV
FB Over-Voltage Threshold
Measured With Respect to VREF
350
mV
IFB
FB Bias Current
10
nA
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
Operating current and shutdown current do not include the current in the RT resistor.
(3)
VCC provides self bias for the internal gate drive.
(4)
The tolerance of the minimum on-time (tON-4) and the current limit off-times (tOFF(CL1) through (tOFF(CL4)) track each other over process
and temperature variations. A device which has an on-time at the high end of the range will have an off-time that is at the high end of its
range.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25085 LM25085-Q1


Số phần tương tự - LM25085-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25085-Q1 TI1-LM25085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Mô tả tương tự - LM25085-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com