công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25085 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM25085
Giải thích chi tiết về linh kiện  LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25085 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM25085_15 Datasheet HTML 2Page - Texas Instruments LM25085_15 Datasheet HTML 3Page - Texas Instruments LM25085_15 Datasheet HTML 4Page - Texas Instruments LM25085_15 Datasheet HTML 5Page - Texas Instruments LM25085_15 Datasheet HTML 6Page - Texas Instruments LM25085_15 Datasheet HTML 7Page - Texas Instruments LM25085_15 Datasheet HTML 8Page - Texas Instruments LM25085_15 Datasheet HTML 9Page - Texas Instruments LM25085_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM25085, LM25085-Q1
SNVS593J – OCTOBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range, unless otherwise stated. VIN = 24V, RT = 100kΩ unless otherwise stated. (See
(1)).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT-START FUNCTION
tSS
Soft-Start Time
1.4
2.5
4.3
ms
THERMAL SHUTDOWN
TSD
Junction Shutdown Temperature
Junction Temperature Rising
170
°C
THYS
Junction Shutdown Hysteresis
20
°C
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM25085 LM25085-Q1


Số phần tương tự - LM25085_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25085-Q1 TI1-LM25085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
Texas Instruments
LM25085A TI1-LM25085A Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM25085A TI1-LM25085A Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085AMM NSC-LM25085AMM Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
More results

Mô tả tương tự - LM25085_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com