công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2742 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
LM2742 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 33 page HG BOOT ISEN LG PGND FB VCC SD PWGD FREQ SS SGND EAO PGND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 LM2742 SNVS266C – MARCH 2004 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. CONNECTION DIAGRAM Figure 2. 14-Lead Plastic TSSOP θJA = 155°C/W PIN DESCRIPTIONS BOOT (Pin 1) - Supply rail for the N-channel MOSFET gate drive. The voltage should be at least one gate threshold above the regulator input voltage to properly turn on the high-side N-FET. LG (Pin 2) - Gate drive for the low-side N-channel MOSFET. This signal is interlocked with HG to avoid shoot- through problems PGND (Pins 3, 13) - Ground for FET drive circuitry. It should be connected to system ground. SGND (Pin 4) - Ground for signal level circuitry. It should be connected to system ground. VCC (Pin 5) - Supply rail for the controller. PWGD (Pin 6) - Power Good. This is an open drain output. The pin is pulled low when the chip is in UVP, OVP, or UVLO mode. During normal operation, this pin is connected to VCC or other voltage source through a pull-up resistor. ISEN (Pin 7) - Current limit threshold setting. This sources a fixed 50µA current. A resistor of appropriate value should be connected between this pin and the drain of the low-side FET. EAO (Pin 8) - Output of the error amplifier. The voltage level on this pin is compared with an internally generated ramp signal to determine the duty cycle. This pin is necessary for compensating the control loop. SS (Pin 9) - Soft start pin. A capacitor connected between this pin and ground sets the speed at which the output voltage ramps up. Larger capacitor value results in slower output voltage ramp but also lower inrush current. FB (Pin 10) - This is the inverting input of the error amplifier, which is used for sensing the output voltage and compensating the control loop. FREQ (Pin 11) - The switching frequency is set by connecting a resistor between this pin and ground. SD (Pin 12) - IC Logic Shutdown. When this pin is pulled low the chip turns off both the high side and low side switches. While this pin is low, the IC will not start up. An internal 20µA pull-up connects this pin to VCC. For a device which turns on the low side switch during shutdown, see the pin compatible LM2737. HG (Pin 14) - Gate drive for the high-side N-channel MOSFET. This signal is interlocked with LG to avoid shoot- through problems. 2 Submit Documentation Feedback Copyright © 2004–2013, Texas Instruments Incorporated Product Folder Links: LM2742 |
Số phần tương tự - LM2742_15 |
|
Mô tả tương tự - LM2742_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |