công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2657 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM2657
Giải thích chi tiết về linh kiện  LM2657 Dual Synchronous Buck Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2657 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2657_15 Datasheet HTML 1Page - Texas Instruments LM2657_15 Datasheet HTML 2Page - Texas Instruments LM2657_15 Datasheet HTML 3Page - Texas Instruments LM2657_15 Datasheet HTML 4Page - Texas Instruments LM2657_15 Datasheet HTML 5Page - Texas Instruments LM2657_15 Datasheet HTML 6Page - Texas Instruments LM2657_15 Datasheet HTML 7Page - Texas Instruments LM2657_15 Datasheet HTML 8Page - Texas Instruments LM2657_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM2657
www.ti.com
SNVS342B – JANUARY 2005 – REVISED MARCH 2013
PIN DESCRIPTION (continued)
Pin 3, COMP1:
Compensation pin for Channel 1. This is the output of the error amplifier. The voltage level on this pin is compared with
an internally generated ramp signal to set the duty cycle for normal regulation. Since the Feedback pin is the inverting
input of the same error amplifier, the appropriate control loop compensation components are placed between this pin and
the Feedback pin. The COMP pin is internally pulled low during Soft-start to limit the duty cycle. Once Soft-start is
completed, the voltage on this pin can take up the value required to maintain output regulation. Note that an internal
voltage clamp does not allow the pin to go much higher than the steady-state requirement. This forms the ‘adaptive duty
cycle clamp’ circuit, which serves to limit the maximum allowable duty cycle and peak currents under sudden overloads.
Also note that this clamp has been designed with enough ‘headroom’ to permit an adequate response to step loads
within normal operating range.
Pin 4, SS1:
Channel 1 Soft-start pin. A Soft-start capacitor is placed between this pin and ground. A typical capacitance of 0.1µF is
recommended. During startup using chip Enable/power-up, soft-start is reset by connecting an internal 1.8 k
Ω resistor
between this pin and ground (RSS_DCHG, see ELECTRICAL CHARACTERISTICS table). It discharges any remaining
charge on the Soft-start capacitors to ensure that the voltage on both Soft-start pins is below 100mV. Reset having thus
been obtained, an 11µA current source at this pin charges up the Soft-start capacitor. The voltage on this pin controls the
maximum duty cycle, and this produces a gradual ramp-up of the output voltage, thereby preventing large inrush currents
into the output capacitors. The voltage on this pin finally clamps close to 5V. During current limit, VDD UVLO, or VIN
UVLO this pin is connected to an internal 115µA current sink whenever a current limit event is in progress. This sink
current quickly discharges the Soft-start capacitor and forces the duty cycle low to protect the power components.
Pin 5, VDD:
5V supply rail for the control and logic sections of both channels. For normal operation to start, the voltage on this pin
must be brought above 4.5V. Subsequently, the voltage on this pin (including any ripple component) should not be
allowed to fall below 4V for a duration longer than 7µs. Since this pin is also the supply rail for the internal control
sections, it should be well-decoupled particularly at high frequencies. A minimum 0.1µF-0.47µF (ceramic) capacitor
should be placed on the component side very close to the IC with no intervening vias between this capacitor and the
VDD/SGND pins. If the voltage on Pin 5 falls below the lower UVLO threshold, the upper and lower FETs are both turned
OFF. ‘Power Not Good’ is also signaled immediately (on Pin 9.) Normal operation will resume once the fault condition
has cleared. Additionally if the voltage on this pin falls below the minimum voltage required for logic operation (about
1.8V typ) the part will shutdown identically to enable (see pin 8) being pulled low.
Pin 6, FREQ:
Frequency adjust pin. The switching frequency (for both channels) is set by a resistor connected between this pin and
ground. A value of 22.1k
Ω sets the frequency to 300kHz (nominal). If the resistance is increased, the switching frequency
falls. An approximate relationship is that for every 7.3k
Ω increase (or decrease) in the value of the frequency adjust
resistance, the time period (1/f) increases (or decreases) by about 1µs.
Pin 7, SGND:
Signal Ground pin. This is the lower rail for the control and logic sections of both channels. SGND should be connected
on the PCB to the system ground, which in turn is connected to PGND1 and PGND2. The layout is important and the
recommendations in the section LAYOUT GUIDELINES should be followed.
Pin 8, EN:
IC Enable pin. When EN is taken high, both channels are enabled by means of a Soft-start power-up sequence (see Pin
4). When EN is brought low, ‘Power Not Good’ is signaled within 100ns. The Soft-start capacitor is then discharged by an
internal 1.8k
Ω resistor (RSS_DCHG, see ELECTRICAL CHARACTERISTICS table) to ground.
Pin 9, PGOOD:
Power Good output pin. An open-Drain logic output that is pulled high with an external pull-up resistor, indicating that
both output voltages are within a pre-defined ‘Power Good’ window, VIN and VDD are within required operating range, and
enable is high. Outside this window, this pin is internally pulled low (‘Power Not Good’ signaled) provided the output error
lasts for more than 7µs. The pin also goes low within 100ns of the Enable pin being taken low, or VDD going below
UVLO, or VIN going below UVLO irrespective of the output voltage level. Regulation on both channels must be achieved
first before fault monitoring becomes active (i.e. PGOOD must have been high prior to occurrence of the fault condition
for a fault to be asserted). For correct signaling on this pin under single-channel operation, see description of Pin 2.
Pin 10, FPWM:
Logic input for selecting either the Forced PWM (‘FPWM’) Mode or Pulse-skip Mode (‘SKIP’) for both channels (together).
When the pin is driven high, the IC operates in the FPWM mode, and when pulled low or left floating, the SKIP mode is
enabled. In FPWM mode, the lower FET of a given channel is always ON whenever the upper FET is OFF (except for a
narrow shoot-through protection deadband). This leads to continuous conduction mode of operation, which has a fixed
frequency and (almost) fixed duty cycle down to very light loads. But this does reduce efficiency at light loads. The
alternative is the SKIP mode, where the lower FET remains ON only till the voltage on the Switch pin (see Pin 27 or Pin
16) goes above -2.2mV (typical). So for example, for a 21m
Ω FET, this translates to a current threshold of 2.2/21 = 0.1A.
Therefore if the (instantaneous) inductor current falls below this value, the lower FET will turn OFF every cycle at this
point (when operated in SKIP mode). This threshold is set by the ‘Zero-cross Comparator’ in the Block Diagram. Note
that if the inductor current waveform is high enough to cause the SW pin to be always below this ‘zero-cross threshold’
(see ELECTRICAL CHARACTERISTICS table), there will be no observable difference between FPWM and SKIP mode
settings (in steady-state). SKIP mode, when it occurs, is clearly a discontinuous mode of operation. However, in
conventional discontinuous mode, the duty cycle keeps falling (towards zero) as the load decreases. But the LM2657
does not ‘allow’ the duty cycle to fall by more than 15% of its original value (at the CCM-DCM boundary). This leads to
pulse-skipping, and so the average frequency decreases as the load decreases. This mode of operation improves
efficiency at light loads, but the frequency is effectively no longer a constant. Note that a minimum preload of 0.1mA
should be maintained on the output of each channel to ensure regulation in SKIP mode. The resistive divider from output
to ground used to set the output voltage could be designed to serve as this preload.
Pin 11, SS2:
Soft-start pin for Channel 2. See Pin 4.
Pin 12, COMP2: Compensation pin for Channel 2. See Pin 3.
Pin 13, FB2:
Feedback pin for Channel 2. See Pin 2.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2657


Số phần tương tự - LM2657_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2657MTC NSC-LM2657MTC Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM2657MTCX NSC-LM2657MTCX Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
More results

Mô tả tương tự - LM2657_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com