công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2647 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM2647
Giải thích chi tiết về linh kiện  LM2647 Dual Synchronous Buck Regulator Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2647 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2647_15 Datasheet HTML 3Page - Texas Instruments LM2647_15 Datasheet HTML 4Page - Texas Instruments LM2647_15 Datasheet HTML 5Page - Texas Instruments LM2647_15 Datasheet HTML 6Page - Texas Instruments LM2647_15 Datasheet HTML 7Page - Texas Instruments LM2647_15 Datasheet HTML 8Page - Texas Instruments LM2647_15 Datasheet HTML 9Page - Texas Instruments LM2647_15 Datasheet HTML 10Page - Texas Instruments LM2647_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LM2647
www.ti.com
SNVS210F – JUNE 2003 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface apply over full Operating Junction
Temperature range. VDD = V5 = 5V, VSGND = VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1K unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min(2)
Typical(3)
Max(2)
Units
Fault UVP Latch Threshold as a
FB voltage falling below VFB_REG
65
70
75
%
Percentage of Internal Reference
ΔtFAULT
Fault Delay
From Fault detection (any output)
7
µs
to Fault assertion
Soft-start
ISS_CHG
Soft-start Charging Current
VSS = 1V
8
11
14
µA
RSS_DCHG
Soft-shutdown Resistance (SS pin
VEN = 0V, VSS = 1V
1800
to SGND, either channel)
ISS_DCHG
Soft-start Discharge Current
In Current Limit
80
115
160
µA
VSS_RESET
Soft-start pin reset voltage(4)
SS charged to 0.5V, EN low to
100
mV
high
SS to COMP Offset Voltage
VSS = 0.5V and 1V, VFB1 = VFB2 =
600
mV
0V
Error Amplifier
GAIN
DC Gain
70
dB
Voltage Slew Rate
COMP rising
4.45
V/µs
COMP falling
2.25
BW
Unity Gain Bandwidth
COMP falling
6.5
MHz
COMP Source Current
VFB < VFB_REG
2
5
mA
VCOMP = 0.5V
COMP Sink Current
VFB > VFB_REG
7
14
mA
VCOMP = 0.5V
Current Limit and Zero-Cross
IILIM
ILIM Pin Current (sourcing, either
VILIM1 = VILIM2 = 0V
46
62
76
µA
ILIM pin)
IILIM Threshold Voltage
-10
0
10
mV
VSW_ZERO
Zero-cross Threshold (SW Pin)
LDRV goes low
-2.2
mV
Osillator
PWM Frequency
RFADJ = 22.1kΩ
255
300
345
kHz
RFADJ = 12.4kΩ
500
RFADJ = 30.9kΩ
200
PWM Ramp Peak-to-peak
VIN = 15V
1.6
V
Amplitude
VIN = 24V
2.95
PWM Ramp Valley
0.8
V
Frequency Change with VIN
VIN = 5.5V to 24V
±1
%
Frequency Change with VDD
VDD = 4.5V to 5.5V
±2
%
Phase Shift Between Channels
Phase from HDRV1 to HDRV2
165
180
195
deg
FREQ Pin Voltage vs. VIN
0.105
V/V
System
Minimum ON Time
VFPWM = 3V
30
ns
VIN = 5.5V
60
75
%
Maxmimum Duty Cycle
VIN = 15V
40
50
%
VIN = 28V, VDD= 4.5V
22
28
%
Gate Drivers
HDRV Source Impedance
HDRV Pin Current (sourcing)=
7
1.2A
HDRV Sink Impedance
HDRV Pin Current (sinking) = 1A
2
(4)
If the LM2647 starts up with a pre-charged soft start capacitor, it will first discharge the capacitor to VSS_RESET and then begin the
normal Soft-start process.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2647


Số phần tương tự - LM2647_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2647LQ NSC-LM2647LQ Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647LQX NSC-LM2647LQX Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647MTC NSC-LM2647MTC Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647MTCX NSC-LM2647MTCX Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results

Mô tả tương tự - LM2647_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com