công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2647 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM2647
Giải thích chi tiết về linh kiện  LM2647 Dual Synchronous Buck Regulator Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2647 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM2647_15 Datasheet HTML 2Page - Texas Instruments LM2647_15 Datasheet HTML 3Page - Texas Instruments LM2647_15 Datasheet HTML 4Page - Texas Instruments LM2647_15 Datasheet HTML 5Page - Texas Instruments LM2647_15 Datasheet HTML 6Page - Texas Instruments LM2647_15 Datasheet HTML 7Page - Texas Instruments LM2647_15 Datasheet HTML 8Page - Texas Instruments LM2647_15 Datasheet HTML 9Page - Texas Instruments LM2647_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM2647
SNVS210F – JUNE 2003 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface apply over full Operating Junction
Temperature range. VDD = V5 = 5V, VSGND = VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1K unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min(2)
Typical(3)
Max(2)
Units
Reference
VFB_REG
FB Pin Voltage at Regualtion
VDD = 4.5V to 5.5V,
591
600
609
mV
(either FB Pin)
VIN = 5.5V to 28V
VFB Line Regulation
VDD = 4.5V to 5.5V,
0.5
VIN = 5.5V to 28V
IFB
FB Pin Current (sourcing)
VFB at regulation
20
100
nA
Chip Supply
IQ_VIN
VIN Quiescent Current
VFB1 = VFB2 = 0.7V
100
200
µA
ISD_VN
VIN Shutdown Current
VEN = 0V
0
5
µA
IQ_VDD
VDD Quiescent Current
VFB1 = VFB2 = 0.7V
2.5
4
mA
ISD_VDD
VDD Shutdown Current
VEN = 0V
8
15
µA
IQ_V5
V5 Normal Operating Current
VFB1 = VFB2 = 0.7V
0.3
0.5
mA
VFB1 = VFB2 = 0.5V
1
1.5
ISD_V5
V5 Shutdown Current
VEN = 0V
0
5
µA
IQ_BOOT
BOOT Quiescent Current
VFB1 = VFB2 = 0.7V
2
5
µA
VFB1 = VFB2 = 0.5V
300
500
ISD_BOOT
BOOT Shutdown Current
VEN = 0V
1
5
µA
VUVLO
VDD UVLO Threshold
VDD rising from 0V
3.9
4.2
4.5
V
VDD UVLO Hysteresis
VDD = V5 falling from VUVLO
0.5
0.7
0.9
V
Logic
IEN
EN Input Current
VEN = 0 to 5V
0
µA
VEN_HI
EN Input Logic High
2
1.8
V
VEN_LO
EN Input Logic Low
1.3
0.8
V
FPWM Pull-down
VFPWM = 2V
100
200
1000
k
VFPWM_HI
FPWM Input Logic High
2
1.8
V
VFPWM_LO
FPWM Input Logic Low
1.3
0.8
V
Power Good
VPGOOD_HI
Power Good Upper Threshold as
FB voltage rising above VFB_REG
110
113
116
%
a Percentage of Internal
Reference
VPGOOD_LOW
Power Good Lower Threshold as
FB voltage falling below VFB_REG
84
87
90
%
a Percentage of Internal
Reference
Power Good Hysteresis
7
%
ΔtPG_OK
Power Good Delay
From both output voltages “good”
10
20
30
µs
to PGOOD assertion.
ΔtPG_NOK
From the first output voltage “bad”
4
7
10
to PGOOD de-assertion
ΔtSD
From Enable low to PGOOD low
0.03
0.1
PGOOD Saturation Voltage
PGOOD de-asserted (Power Not
0.12
0.4
V
Good) and sinking 1.5mA
PGOOD Leakage Current
PGOOD = 5V and asserted
0
1
µA
OV and UV Protection
Fault OVP Latch Threshold as a
FB voltage rising above VFB_REG
125
130
135
%
Percentage of Internal Reference
(1)
RFADJ is the frequency adjust resistor between FREQ pin and Ground.
(2)
All limits are specified at room temperature (standard face type) and at temperature extremes (bold face type). All room temperature
limits are 100% production tested. All limits at temperature extremes are specified via correlation using Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2647


Số phần tương tự - LM2647_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2647LQ NSC-LM2647LQ Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647LQX NSC-LM2647LQX Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647MTC NSC-LM2647MTC Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647MTCX NSC-LM2647MTCX Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results

Mô tả tương tự - LM2647_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com