công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-8896F bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện FW-8896F
Giải thích chi tiết về linh kiện  High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8896F bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8896F Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8896F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FW-8896
High Performance 2U Rackmount Network
Security System Based on Intel Xeon E5-2600
v3 Series CPU and C612 Chipset
Preliminary Specifications
• Dual Intel Haswell-EP E5-2600 v3
CPU Sockets with C612 Chipset
• Low-Power DDR4 2133 MHz
(Max. 512 GB)
• 8 NIC Module Slots
(Up to 64 GbE Ports)
• FW-8896A/C with Coleto Creek
8925 Acceleration Chip
Processor System
CPU Options
Dual Intel® Xeon® processor E5-2600 v3
Series on LGA2011-R3 (Haswell-EP)
Frequency
Depending on CPU
Core Number
Depending on CPU
BIOS
AMI SPI Flash BIOS
Chipset
Intel C612 Chipset
Fanless
No
Memory
Technology
DDR4 2133 MHz Registered DIMM
Max. Capacity
512 GB
Socket
16 x 288-pin DIMM
Ethernet
Controller
2 x Intel i210
Speed
10/100/1000 Mbps
Interface
RJ-45, SFP or QSFP
Bypass
Depending on NIC Module
Storage
Type
SATA
Installation
FW-8896A/B/C/D: 1 x 3.5” internal drive
bays, optional 2 x 2.5”, FW-8896E/F/G/H:
2 x 2.5” external driver bays
Type
CFast
Installation
1 x CFast socket
I/O
Reset Button
1
Console
1 x RJ45
USB
2 x type A
IPMI
OPMA socket to support IPMI (IAC-
AST2300)
Management port
FW-8896A/B/C/D: One, FW-8896E/F/G/H:
Two
Expansion
PCIe
1 x PCI-E*8 expansion (optional)
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
4x independent hot-swappable cooling
fans with smart fan control
Environment
Operating Temperature
0 ~ 40ºC
Storage Temperature
-20 ~ 70ºC
Relative Humidity
5~90%, non-condensing /
5~95%, non-condensing
Miscellaneous
LCD Module
128 x 32 LCM with keypad (Graphic
optional)
Watchdog
Yes
Internal RTC
with Li Battery
Yes
Mechanical
Dimension (W x H x D)
438 x 88 x 600 mm
Weight
25 kg
Mounting
Rack mount
Power
Type / Watts
1+1 ATX 600/800 W redundant power
supply units
Input
90~264 V@47~63Hz
Driver Support
Microsoft Windows
Windows 7, Windows 2008 Server
Linux
Linux Kernel 2.6 or above
Certification
EMC
CE Class A, FCC Class A, RoHS
Safety
N/A
• 1+1 ATX 600W/800W Redundant
Power Supply
• Optional 1x PCI-E x8 Expansion
• OPMA Slot for IPMI
• Gen 2 or Gen 3 LAN Bypass function
• Support N+1 Hot-swappable Cooling
Fans with Smart Fan Control
Features
FW-8896E/F/G/H
FW-8896A/B/C/D


Số phần tương tự - FW-8896F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

Mô tả tương tự - FW-8896F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
SKY-7221 ADVANTECH-SKY-7221 Datasheet
1Mb / 2P
   2U High Performance Rackmount Server with Intel Xeon Scalable Processor Family
17-Nov-2021
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com