công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-8892B bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện FW-8892B
Giải thích chi tiết về linh kiện  Dual CPU Intel Xeon 5600/5500 Network Appliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8892B bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8892B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8892B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
2U Rackmount
Platform
Processor Options
2 x Intel® Xeon 5500/5600 on LGA 1366
Chipset
Intel 5520 + ICH10R
BIOS
AMI BIOS
32Mbit SPI Flash ROM
System
Memory
Technology
Triple-Channel DDR3 800/1066/1333 MHz
Registered ECC or unbuffered, ECC or non-ECC
Max. Capacity
48GB
Socket
12 x 204P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
4 x 3.5” Removable HDD Trays
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
No ports on board (24 GbE ports max)
Bypass
Depends on Ethernet module specifications
Controllers
N/A
Ethernet Modules
3
Management Port
Optional
Security Acceleration
Cavium CN1620 (optional)
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCI-E*8 expansion or 2 x PCI-E*4 (optional)
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
6 x independent hot-swappable cooling fans with smart
fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
Graphic LCM
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 442 x 88 x 660 mm
Weight
22 kg
Power
Type / Watts
1+1 ATX redundant powers 500W/each
Input
AC 90~264V @47~63 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-8892A
Intel 5520 + ICH10R platform with integrated Cavium
CN1620
FW-8892B
Intel 5520 + ICH10R platform


Số phần tương tự - FW-8892B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893C ETC2-FW-8893C Datasheet
166Kb / 4P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Highland Forest platform.
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8894A ETC2-FW-8894A Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
More results

Mô tả tương tự - FW-8892B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel Xeon Quad Core??Network Appliance With 10 LAN Ports
FWS-7600 AAEON-FWS-7600 Datasheet
418Kb / 2P
   1U Intel Xeon Quad Core Network Appliance With 10 LAN Ports
FWS-8600 AAEON-FWS-8600 Datasheet
451Kb / 2P
   2U Rackmount Network Appliance with Dual 2nd Gen Intel® Xeon® Scalable Processors
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
logo
Advantech Co., Ltd.
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com