công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-8865C bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện FW-8865C
Giải thích chi tiết về linh kiện  1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8865C bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8865C Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8865C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
Standard 19-inch rackmount
Platform
Processor Options
2nd generation Intel® Xeon® E3-1275, E3-1225, Intel
Core i3-2120, G850, G540 on LGA1155
3nd generation Intel® Xeon® E3-1275v2, E3-1225v2,
Intel Core i3-3220, G2120 on LGA1155
Chipset
Intel C206
BIOS
AMI BIOS 64Mbit SPI Flash ROM
System
Memory
Technology
Technology: Dual-Channel DDR3 unbuffered ECC or non-
ECC 1066 / 1333 /1600 MHz (Only Ivybridge processor
can support to 1600MHz)
Max. Capacity
32GB
Socket
4 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
2 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
4 x GbE RJ45 default (20 GbE ports maximum)
Bypass
2 pairs G3
Controllers
4 x Intel 82574L or 2 x Intel I350
Ethernet Modules
2
Management Port
1 x GbE RJ45
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
Optional
Expansion
PCIe
1 x PCI-E*4 expansion
PCI
1 x Mini-PCI
Cooling
Processor
CPU heatsink with fan duct
System
4 x cooling fans with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC w/ Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 550 mm
Weight
12 kg
Power
AC: Type / Watts
1U ATX SPS / 270W or 1U ATX redundant 275W each
AC: Input
AC 100~240V @50~60 Hz
DC: Type / Watts
1U 250W Redundant
DC: Input
-40V~-72VDC, 10-5A
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-8865A 4 ports RJ-45 Gigabit (82574L) with LAN Bypass func-
tion + Single Power Supply
FW-8865B 4 ports RJ-45 Gigabit (I350) with LAN
Bypass function + Single Power Supply
FW-8865C 4 ports RJ-45 Gigabit (82574L) with LAN Bypass func-
tion + Redundant Power Supply
FW-8865D 4 ports RJ-45 Gigabit (I350) with LAN
Bypass function + Redundant Power Supply
FW-8865E 4 ports RJ-45 Gigabit (82574L) without LAN
Bypass function + Single Power Supply
FW-8865F 4 ports RJ-45 Gigabit (82574L) without LAN
Bypass function + Redundant Power Supply
Optional Power Cords
080W240318301
Power Cord (UK 3P/3P)
080W240318304
Power Cord (AU 3P/3P)
080W240318305
Power Cord (EU 3P/2P)
080W240318306
Power Cord (US 3P/3P)
080W240318307
Power Cord (CN 3P/3P)
080W240318310
Power Cord (IND 3P/3P)
Optional Mounting Brackets
S09OAL8090100
Ear bkt pack
PN9NSFH42Z100
Slide Rail
Optional Accessories
0P1W250210205
DC PSU module
PN9NSEQ640100
IPMI CARD IAC-AST2150
080W2B0801501
Internal Keyboard/ Mouse cable for development only


Số phần tương tự - FW-8865C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
FW-8860A ETC2-FW-8860A Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
FW-8860B ETC2-FW-8860B Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
More results

Mô tả tương tự - FW-8865C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FX-3210 ETC2-FX-3210 Datasheet
262Kb / 2P
   2U Rackmount Appliance With Support For Intel Sandy Bridge / Ivy Bridge Processors And Intel C206 Chipset
FW-7575 ETC2-FW-7575 Datasheet
188Kb / 2P
   1U rackmount Network security platform with Intel Sandy Bridge Gladden processors
IMB-161-D ETC2-IMB-161-D Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-161-L ETC2-IMB-161-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-170 ETC2-IMB-170 Datasheet
1Mb / 2P
   Socket G2 (rPGA988B) for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
logo
Lanner All Rights Reser...
NCS2-POEIG802 LANNER-NCS2-POEIG802 Datasheet
665Kb / 1P
   Lanner NCS2 NIC Modular with Intel 짰 I350-AM4 Chipset & 8x GbE RJ45 PoE Ports
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com