công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-8875A bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện FW-8875A
Giải thích chi tiết về linh kiện  Intel 5520 Based Sever-Grade Network Communication Appliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8875A bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8875A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8875A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
Last Updated: 11-Jan-2012
FW-8875
Intel 5520 Based Sever-Grade
Network Communication Appliance
Features
Multicore Processing with En-
ergy Saving Performance
Constructed around the Intel
server-grade 5520 chipset,
the FW-8875 is an example of
low power consumption
and high computing execution in
a network appliance. Bleeding-
edge Quad-Core Xeon 5500 se-
ries processors improve process-
ing capacity with less relative
power consumption, translating
into increased productivity while
providing greater thermal man-
agement and energy saving.
Fast Networking IO
Along with support for a Quad-
Core Xeon processer, the FW-
8875 supports DDR3 memory
technology together with Intel’s
advanced Quick Path Interconnect
and PCI-E Gen 2 I/O to provide
increased system performance
and reduced power consumption.
PCI-Express bus networking data
paths eliminate performance bot-
tlenecks by efficiently handling
large address and data packets
that your system may encounter.
Hardware Acceleration
The optional onboard Cavium
accelerator board processes IPsec
and IKE, IPv6, SSL and Wireless
LAN security protocol macro com-
mands, which reduce host I/O
traffic and dramatically offload
system processes to increase total
system throughput.
Customization for Future
Needs
Supporting twelve Ethernet ports
via three front facing optional
modules, the FW-8875 offers
great customization options
now and considerable hardware
expansion capabilities to meet
future needs.
Dimensions: 442 x 44 x 520 mm
2 x USB
Console Port
4 x Hot-Swappable Fans
LCD Module
4 x GbE Ports Default
2 x Ethernet Modules
RoHS Compliant
Our pre-tested RoHS compli-
ant systems give you the ad-
vantage of global compliance
with today’s growing
standards of environmental
safety.


Số phần tương tự - FW-8875A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FW-8877A ETC2-FW-8877A Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
More results

Mô tả tương tự - FW-8875A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
logo
List of Unclassifed Man...
FW-8760 ETC2-FW-8760 Datasheet
128Kb / 2P
   Network Security Appliance with Intel 3450 Chipset
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
   Desktop Network Appliance with Intel® Elkhart Lake Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
logo
List of Unclassifed Man...
MR-301 ETC2-MR-301 Datasheet
179Kb / 2P
   RISC Based Fanless Network Appliance with Marvel Shiva NPU
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com