công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-8860 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện FW-8860
Giải thích chi tiết về linh kiện  1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8860 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8860 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8860 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
FW-8860A
STD with Cavium CN1620, 2 x LAN Module space, 1 x PCIe Slo
FW-8860B
STD with 2 x LAN Module space, 1 x PCIe Slot
Form Factor
1U Rackmount
Platform
Processor Options
Intel Core 2 Quad, Core 2 Duo, Celeron on LGA 775
Chipset
Intel 3210+ ICH9R
BIOS
AMI BIOS
8Mbit Firmware Hub
System
Memory
Technology
Dual-Channel DDR2 667/800MHz unbuffered, with or
without ECC
Max. Capacity
8GB
Socket
4 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 3.5”
Compact Flash
1 x Type II CmpactFlash
Networking
Ethernet Ports
4 x GbE RJ-45 default
20 x GbE ports max.
Bypass
2 pairs G2
Controllers
4 x Intel 82574L
Ethernet Modules
2
Management Port
N/A
Security Acceleration
Cavium CN1620 (optional)
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCIe x 4 expansion
PCI
1 x PCI 32bits/33MHz slot
Cooling
Processor
CPU heatsink with fan duct
System
4 x cooling fans with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 520 mm
Weight
12 kg
Power
Type / Watts
1U ATX SPS / 300W
Input
AC 90~264V @ 47~63 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS


Số phần tương tự - FW-8860

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-8865 ETC2-FW-8865 Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865A ETC2-FW-8865A Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865B ETC2-FW-8865B Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865C ETC2-FW-8865C Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865D ETC2-FW-8865D Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
More results

Mô tả tương tự - FW-8860

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel Xeon Quad Core??Network Appliance With 10 LAN Ports
FWS-7600 AAEON-FWS-7600 Datasheet
418Kb / 2P
   1U Intel Xeon Quad Core Network Appliance With 10 LAN Ports
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
FWS-7160 AAEON-FWS-7160 Datasheet
454Kb / 2P
   1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
logo
Advantech Co., Ltd.
AIMB-216 ADVANTECH-AIMB-216 Datasheet
732Kb / 2P
   Intel Pentium Celeron, Quad Core Dual core
logo
AAEON Technology
FSB-G41H AAEON-FSB-G41H Datasheet
309Kb / 2P
   Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com