công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-7872 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện FW-7872
Giải thích chi tiết về linh kiện  1U half-rack network application platform with 4GbE fail-over network ports and IPMI 2.0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7872 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-7872 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7872 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-7872 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A Full-Featured Network Application
Platform in a Half-Rack Chassis
Built around the Intel 945GME chipset, the FW-7872
combines advanced IPMI functionality with comprehensive
network interfaces and storage capabilities.
The FW-7872 sets a new standard for deployment flexibility.
The first half-rack network application platform to offer
Core 2 Duo support and advanced IP-KVM and IPMI remote
management features, the FW-7872 is designed to fit in
either four-post or two-post Telco racks, and can be installed
in pairs or as a single device leaving half of the rack space for
extra power supplies, hard drive storage or other uses.
The internal IAC-AST100 remote management card provides
IP-KVM and IPMI remote management features such as
remote hardware monitoring and system recovery.
The FW-7872 provides four front-facing RJ-45 GbE ports with
hardware bypass, one RJ-45 10/100Mb/s port for IP-KVM
functions and a serial console port for local management.
FW-7872 Half-Rack
Network Application Platform
1U half-rack network application platform with 4GbE fail-over network ports and IPMI 2.0
Intel(R) Core 2 Duo performance
Enjoy increased performance suitable for a wide range
of network applications, along with flexibility in price/
performance by choosing Intel Celeron, Core Duo or Core 2
Duo processors.
Highly flexible deployment
Grow performance and bandwidth according to your needs.
Install twin FW-7872 products side-by-side in a 1U rack for
increased availability and throughput. Or deploy centrally or
to either side of the rack with standard mounting brackets, or
mount on a wall with wall mount brackets.
Advanced IPMI functionality
Control, monitor and manage your network device
remotely via USB over IP or Ethernet with an internal Aspeed
baseboard management controller.
Expand capacity with internal and external storage
The FW-7872 includes four SATA ports for two internal drives
and two external E-SATA connectors.
Intel® Ethernet


Số phần tương tự - FW-7872

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-7879 ETC2-FW-7879 Datasheet
270Kb / 2P
   Cost effective appliance for mainstream network applications, from Acceleration to VOIP
FW-7879A ETC2-FW-7879A Datasheet
270Kb / 2P
   Cost effective appliance for mainstream network applications, from Acceleration to VOIP
FW-7879B ETC2-FW-7879B Datasheet
270Kb / 2P
   Cost effective appliance for mainstream network applications, from Acceleration to VOIP
FW-7879C ETC2-FW-7879C Datasheet
270Kb / 2P
   Cost effective appliance for mainstream network applications, from Acceleration to VOIP
More results

Mô tả tương tự - FW-7872

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
NCP-3110 ADVANTECH-NCP-3110 Datasheet
426Kb / 2P
   1U Packetarium??Network Processor Platform
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570_17 Datasheet
184Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1150 Socket
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA590 AXIOMTEK-NA590 Datasheet
306Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
MR-320 ETC2-MR-320 Datasheet
131Kb / 2P
   Mini Network Platform with Cavium OCTEON Network Processor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com