công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-7610B bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện FW-7610B
Giải thích chi tiết về linh kiện  1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7610B bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7610B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7610B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
Intel Celeron 827E,Single core, 1.4GHz(SKU A&B)
Intel Celeron 847E, Dual Core, 1.1GHz(SKU C)
Chipset
Intel HM65
BIOS
AMI BIOS
32Mb SPI Flash ROM
System
Memory
Technology
2-Channel DDR3 1066/1333MHz with ECC
Max. Capacity
16GB
Socket
2 x 240P ECC DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux
Storage
HDD Bays
2 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
8 x GbE RJ45
Bypass
2 Pairs G2 (SKU A&C)
Controllers
8 x Intel 82574L
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
N/A
PCI
N/A
Cooling
Processor
Passive CPU heatsink
System
2 x cooling fans
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
N/A
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 305 mm
Weight
4.5 kg
Power
Type / Watts
1U ATX SPS / 150W
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-7610A
MB-7610A + FC-7610 + 150W PSU, Supports 2 pairs By-
pass, Intel Celeron 827E CPU, RAM up to 16G
FW-7610B
MB-7610A + FC-7610 + 150W PSU, without Bypass, Intel
Celeron 827E CPU, RAM up to 16G
FW-7610C
MB-7610A + FC-7610 + 150W PSU, Support 2 pair
Bypass, Intel Celeron 847E CPU, RAM up to 16G
Optional Power Cords
080W240318301
Power Cord(UK 3P/3P) RoHS UK 3P/3P L=183CM(YP-61+YC-12)
080W240318304
Power Cord(AU 3P/3P) RoHS AU 3P/3P L=183CM(YP-35+YC-12)
080W240318305
Power Cord(EU 3P/2P) RoHS EU 3P/2P L=183CM(YP-22+YC-12)
080W240318306
Power Cord(US 3P/3P) RoHS US 3P/3P L=183CM(YP-12+YC-12)
080W240318307
Power Cord(CN 3P/3P) RoHS CN 3P/3P L=183CM(YP-03+YC-12)
080W240318310
Power Cord(IND 3P/3P) RoHS 3P 183CM(YP-81+YC-12) IND YUNGLI
Optional Accessories
080W120902001
Console Cable
RoHS D-Sub 9P male flat cable to IDC 2.54
2x5P female type L=23CM HO-BASE
080W1K1202301
VGA Cable
Green Internal VGA CABLE 2.54mm 12P TO
15P 23CM (Including EMI Core) HO-BASE
080W2B0801501
K/M Cable
RoHS 8P/6P KB/Mouse Pitch=2.54 CABLE
L=150mm
Last Updated: 26-Sep-2012


Số phần tương tự - FW-7610B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
FW-7 MINI-FW-7 Datasheet
195Kb / 1P
   SMA Fixed Attenuator
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525A ETC2-FW-7525A Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525A LANNER-FW-7525A Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
More results

Mô tả tương tự - FW-7610B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
NA720 AXIOMTEK-NA720_17 Datasheet
289Kb / 1P
   1U Rackmount Network Appliance Platform with Intel짰 Xeon짰 Processor D-1527
logo
Advantech Co., Ltd.
NCP-3110 ADVANTECH-NCP-3110 Datasheet
426Kb / 2P
   1U Packetarium??Network Processor Platform
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Axiomtek Co., Ltd.
NA362 AXIOMTEK-NA362 Datasheet
300Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom짰 Processor C3000 Family
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com