công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5953 bảng dữ liệu(PDF) 10 Page - SyncMOS Technologies,Inc

tên linh kiện SM5953
Giải thích chi tiết về linh kiện  Six interrupt sources with two priority levels
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5953 bảng dữ liệu(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM5953 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
SM5953
8-Bit Micro-controller
15KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M074
Ver D SM5953 04/16/2015
- 9 -
Note: Special Function Registers reset values and description for SM5953.
Register
Location
Reset value
Description
1
P0
80H
FFH
Port 0
2
SP
81H
07H
Stack Pointer
3
DPL
82H
00H
Data Pointer 0 low byte
4
DPH
83H
00H
Data Pointer 0 high byte
5
PCON
87H
00H
Power Control
6
TCON
88H
00H
Timer/Counter Control
7
TMOD
89H
00H
Timer Mode Control
8
TL0
8AH
00H
Timer 0, low byte
9
TL1
8BH
00H
Timer 1, low byte
10
TH0
8CH
00H
Timer 0, high byte
11
TH1
8DH
00H
Timer 1, high byte
12
P1
90H
FFH
Port 1
13
SCON
98H
00H
Serial Port 0, Control Register
14
SBUF
99H
00H
Serial Port 0, Data Buffer
16
P2
A0H
FFH
Port 2
17
IE
A8H
00H
Interrupt Enable
18
P3
B0H
FFH
Port 3
19
IP
B8H
00H
Interrupt Priority
20
SCONF
BFH
02H
System Control Register
21
T2CON
C8H
00H
Timer 2 Control
22
T2MOD
C9H
00H
Timer 2 Mode
23
RCAP2L
CAH
00H
Timer2 Capture Low
24
RCAP2H
CBH
00H
Timer2 Capture High
25
TL2
CCH
00H
Timer 2, low byte
26
TH2
CDH
00H
Timer 2, high byte
27
PSW
D0H
00H
Program Status Word
28
ACC
E0H
00H
Accumulator
29
B
F0H
00H
B Register
30
ISPFAH
F4H
00H
ISP Flash Address-High Register
31
ISPFAL
F5H
00H
ISP Flash Address-Low Register
32
ISPFD
F6H
00H
ISP Flash Data Register
33
ISPC
F7H
00H
ISP control Register


Số phần tương tự - SM5953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Mô tả tương tự - SM5953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intersil Corporation
82C59A INTERSIL-82C59A_06 Datasheet
410Kb / 22P
   CMOS Priority Interrupt Controller
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
IK Semicon Co., Ltd
BT8040 IKSEMICON-BT8040 Datasheet
191Kb / 5P
   Two Sound Sources with Envelope
logo
Xilinx, Inc
DS531 XILINX-DS531 Datasheet
1Mb / 37P
   Four levels of dynamic master request priority
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR092-C ATMEL-ATAR092-C_14 Datasheet
1Mb / 108P
   Up to 7 External/Internal Interrupt Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com