công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM59R16G6 bảng dữ liệu(PDF) 3 Page - SyncMOS Technologies,Inc

tên linh kiện SM59R16G6
Giải thích chi tiết về linh kiện  External RAM addresses up to 64K bytes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16G6 bảng dữ liệu(HTML) 3 Page - SyncMOS Technologies,Inc

  SM59R16G6 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
SM59R16G6/SM59R09G6/SM59R05G6
8-Bit Micro-controller
64KB/36KB/20KB with ISP Flash
& 1KB RAM embedded
Product List
SM59R16G6W40PP, SM59R09G6W40PP, SM59R05G6W40PP,
SM59R16G6W44JP, SM59R09G6W44JP, SM59R05G6W44JP
SM59R16G6W44QP, SM59R09G6W44QP, SM59R05G6W44QP,
SM59R16G6W44UP, SM59R09G6W44UP, SM59R05G6W44UP,
SM59R16G6W48VP, SM59R09G6W48VP, SM59R05G6W48VP
Description
The SM59R16G6 is a 1T (one machine cycle per clock)
single-chip 8-bit microcontroller. It has 64K-byte
embedded Flash for program, and executes all ASM51
instructions fully compatible with MCS-51.
SM59R16G6 contains 1KB on-chip RAM, more than 46
GPIOs (LQFP 48), various serial interfaces and many
peripheral functions as described below. It can be
programmed via writers. Its on-chip ICE is convenient for
users in verification during development stage.
The high performance of SM59R16G6 can achieve
complicated manipulation within short time. About one
third of the instructions are pure 1T, and the average
speed is 8 times of traditional 8051, the fastest one
among all the 1T 51-series.Its excellent EMI and ESD
characteristics are advantageous for many different
applications.
Ordering Information
SM59R16G6ihhkL YWW
i: process identifier {W = 2.7V ~ 5.5V}
hh: Pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
Y: year
WW: week
Postfix
Package
Pin / Pad Configuration
P
40L PDIP
Page 4
J
44L PLCC
Page 5
Q
44L PQFP
Page 6
V
48L LQFP
Page 7
Contact SyncMOS :
www.syncmos.com.tw
6F, No.10-2 Li- Hsin 1st Road , SBIP, Hsinchu, Taiwan
TEL: 886-3-567-1820
FAX: 886-3-567-1891
Features
Operating Voltage: 2.7V ~ 5.5V
High speed architecture of 1 clock/machine cycle
(1T), runs up to 25MHz
1T/2T can be switched on the fly by SFR
Instruction-set compatible with MCS-51
64K/36K/20KBytes on-chip program memory.
External RAM addresses up to 64K bytes.
Standard 12T interface for external RAM access.
256 bytes RAM as standard 8052, plus 1K bytes
on-chip expandable RAM
Dual 16-bit Data Pointers (DPTR0 & DPTR1)
One serial peripheral interfaces in full duplex mode
(UART0),
Additional Baud Rate Generator for Serial 0.
Three 16-bit Timers/Counters. (Timer 0 , 1, 2)
38 GPIOs(PDIP 40),42 GPIOs(PLCC 44/PQFP
44),46 GPIOs(LQFP 48),GPIOs can select four
Type(quasi-bidirectional、push-pull、open drain、
input-only),default is quasi-bidirectional(pull-up)
External interrupt 0,1 with four priority levels
Programmable watchdog timer (WDT)
One IIC interface (Master/Slave mode)
One SPI interface (Master/Slave mode)
4-channel PWM on port 2 or port 4 (default)
4-channel 16-bit compare /capture /load functions
22.1184MHz Internal RC oscillator, with programmable
clock divider
Configurable Oscillator pin
ISP/IAP/ICP functions.
ISP service program space configurable in N*256 byte
(N=0 to 16) size.
EEPROM function
On-chip in-circuit emulator (ICE) function with
On-Chip Debugger(OCD)
ALE output select.
LVI/LVR ±5% (LVR deglitch 500ns)
Enhanced user code protection
Power management unit for idle and power down
modes
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M059
3
Ver.I
SM59R16G6
04/2015


Số phần tương tự - SM59R16G6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Mô tả tương tự - SM59R16G6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Sharp Corporation
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
   64K Static RAM
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com