công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM59R16G6 bảng dữ liệu(PDF) 10 Page - SyncMOS Technologies,Inc

tên linh kiện SM59R16G6
Giải thích chi tiết về linh kiện  External RAM addresses up to 64K bytes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16G6 bảng dữ liệu(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59R16G6 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
SM59R16G6/SM59R09G6/SM59R05G6
8-Bit Micro-controller
64KB/36KB/20KB with ISP Flash
& 1KB RAM embedded
PDIP
PLCC
PQFP
LQFP
25
28
22
23
P2.4/A12/PWM0
I/O
Bit 4 of port 2 & Bit 12 of external memory address & PWM
Channel 0
24
P5.0
I/O
Bit 0 of port 5
25
P5.1
I/O
Bit 1 of port 5
26
29
23
26
P2.5/A13/PWM1
I/O
Bit 5 of port 2 & Bit 13 of external memory address & PWM
Channel 1
27
30
24
27
P2.6/A14/PWM2
I/O
Bit 6 of port 2 & Bit 14 of external memory address & PWM
Channel 2
28
31
25
28
P2.7/A15/PWM3
I/O
Bit 7 of port 2 & Bit 15 of external memory address & PWM
Channel 3
29
32
26
29
OCI_SCL/P4.4
I/O
On-Chip Instrumentation Clock I/O pin of ICE and ICP
functions & Bit 4 of port 4
30
33
27
30
ALE/P4.5
I/O
Address latch enable & Bit 5 of port 4
34
28
31
P4.1/PWM1/CC1/
IIC_SDA/MOSI
I/O
Bit 1 of port 4 & PWM Channel 1 & Timer 2 compare/capture
Channel 1 & IIC SDA pin & SPI interface Serial Data Master
Output or Slave Input pin
31
35
29
32
OCI_SDA/P4.6
I/O
On-Chip Instrumentation Command and data I/O pin
synchronous to OCI_SCL in ICE and ICP functions & Bit 6 of
port 4
32
36
30
33
P0.7/AD7
I/O
Bit 7 of port 0 & Bit 7 of external memory address/ data
33
37
31
34
P0.6/AD6
I/O
Bit 6 of port 0 & Bit 6 of external memory address/ data
34
38
32
35
P0.5/AD5
I/O
Bit 5 of port 0 & Bit 5 of external memory address/ data
35
39
33
36
P0.4/AD4
I/O
Bit 4 of port 0 & Bit 4 of external memory address/ data
36
40
34
37
P0.3/AD3
I/O
Bit 3 of port 0 & Bit 3 of external memory address/ data
37
41
35
38
P0.2/AD2
I/O
Bit 2 of port 0 & Bit 2 of external memory address/ data
38
42
36
39
P0.1/AD1
I/O
Bit 1 of port 0 & Bit 1 of external memory address/ data
39
43
37
40
P0.0/AD0
I/O
Bit 0 of port 0 & Bit 0 of external memory address/ data
40
44
38
41
VDD
I
Power supply
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M059
10
Ver.I
SM59R16G6
04/2015


Số phần tương tự - SM59R16G6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Mô tả tương tự - SM59R16G6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Sharp Corporation
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
   64K Static RAM
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com