công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM39R16A6 bảng dữ liệu(PDF) 3 Page - SyncMOS Technologies,Inc

tên linh kiện SM39R16A6
Giải thích chi tiết về linh kiện  Additional Baud Rate Generator for Serial port
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R16A6 bảng dữ liệu(HTML) 3 Page - SyncMOS Technologies,Inc

  SM39R16A6 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
SM39R16A6
8-Bit Micro-controller
16KB with ISP Flash
& 1K+256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M079
Ver D SM39R16A6 06/30/2015
- 3 -
Product List
SM39R16A6U24,
SM39R16A6U28,
SM39R16A6U32,
Description
The SM39R16A6 is a 1T (one machine cycle per clock)
single-chip
8-bit
microcontroller.
It
has
16K-byte
embedded Flash for program, and executes all ASM51
instructions fully compatible with MCS-51
SM39R16A6 contains 1K+256B on-chip RAM, up to 30
GPIOs (32L package), various serial interfaces and
many peripheral functions as described below. It can be
programmed via writers. Its on-chip ICE is convenient for
users in verification during development stage.
The high performance of SM39R16A6 can achieve
complicated manipulation within short time. About one
third of the instructions are pure 1T, and the average
speed is 8 times of traditional 8051, the fastest one
among all the 1T 51-series.Its excellent EMI and ESD
characteristics are advantageous for many different
applications.
Ordering Information
SM39R16A6ihhkL
YWW
i: process identifier { U = 1.8V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
Y: year
WW: week
Postfix
Package
S
SOP (300 mil)
V
LQFP
Features
Main Flash ROM 16KB , 128B/page
Working voltage 1.8V~5.5V
High speed architecture of 1 clock/machine cycle
runs up to 25MHz.
256 bytes SRAM as standard 8052, plus 1K bytes
on-chip expandable SRAM.
Dual 16-bit Data Pointers (DPTR0 & DPTR1).
One serial peripheral interfaces in full duplex mode
(UART).
-
Synchronous mode, fixed baud rate.
-
8-bit UART mode, variable baud rate.
-
9-bit UART mode, fixed baud rate.
-
9-bit UART mode, variable baud rate.
Additional Baud Rate Generator for Serial port.
Three 16-bit Timer/Counters. (Timer 0, 1, 2).
Programmable watchdog timer.
One IIC interface. (Master/Slave mode).
One SPI interface. (Master/Slave mode)
4-channel 14-bit PWM for motor control
4-channel 16-bit compare / capture / load functions.
-
Comparator out can be CCU input source
internally.
-
Noise filter with
CCU input
with sample
frequency select.
ISP/IAP/ICP functions.
EEPROM function.
On-Chip in-circuit emulator (ICE) functions with On-
Chip Debugger (OCD).
Fast
multiplication-division
unit
(MDU):
16*16,
32/16,
16/16,
32-bit
L/R
shifting
and
32-bit
normalization.
LVI/LVR (LVR deglitch 500ns).
Enhance user code protection.
Power management unit for IDLE and power down
modes.


Số phần tương tự - SM39R16A6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM39R16A2 SYNCMOS-SM39R16A2 Datasheet
906Kb / 82P
   Dual 16-bit Data Pointers
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
More results

Mô tả tương tự - SM39R16A6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM39A16M1 SYNCMOS-SM39A16M1 Datasheet
1Mb / 104P
   Additional Baud Rate Generator for Serial port
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
logo
Microchip Technology
AY58116 MICROCHIP-AY58116 Datasheet
443Kb / 8P
   Dual Baud Rate Generator
1990
logo
List of Unclassifed Man...
AY5-8116 ETC1-AY5-8116 Datasheet
465Kb / 6P
   DUAL BAUD RATE GENERATOR
logo
UMC Corporation
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
   Baud Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com