công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM39R04G1 bảng dữ liệu(PDF) 11 Page - SyncMOS Technologies,Inc

tên linh kiện SM39R04G1
Giải thích chi tiết về linh kiện  4K Bytes on-chip flash program memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R04G1 bảng dữ liệu(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM39R04G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
SM39R04G1
8-Bit Micro-controller
4KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M053
11
Ver.H
SM39R04G1
08/2013
Mnemonic: CKCON
Address: 8Eh
7
6
5
4
3
2
1
0
Reset
-
ITS
-
-
-
-
10H
ITS: Instruction timing select.
ITS [6:4]
Instruction timing
000
1T mode
001
2T mode (default)
010
3T mode
011
4T mode
100
5T mode
101
6T mode
110
7T mode
111
8T mode
The default is in 2T mode, and it can be changed to another Instruction timing mode if CKCON [6:4] (at address 8Eh) is
change any time. Not every instruction can be executed with one machine cycle. The exact machine cycle number for all
the instructions are given in the next section.
1.4.
RESET
1.4.1.
Hardware RESET function
SM39R04G1 provides on-chip hardware RESET mechanism,,the reset duration is programmable by writer or ISP。
on-chip hardware RESET duration
25ms (default)
200ms
100ms
50ms
16ms
8ms
4ms
1.4.2.
Software RESET function
SM39R04G1 provides one software reset mechanism to reset whole chip. To perform a software reset, the firmware must
write three specific values 55h, AAh and 5Ah sequentially to the TAKEY register to enable the Software Reset register
(SWRES) write attribute. After SWRES register obtain the write authority, the firmware can write FFh to the SWRES
register. The hardware will decode a reset signal that
“OR” with the other hardware reset. The SWRES register is
self-reset at the end of the software reset procedure.
Mnemonic
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESET
Software Reset function
TAKEY
Time Access Key
register
F7h
TAKEY [7:0]
00H
SWRES
Software Reset
register
E7h
SWRES [7:0]
00H


Số phần tương tự - SM39R04G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
More results

Mô tả tương tự - SM39R04G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com