công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM39R04G1 bảng dữ liệu(PDF) 6 Page - SyncMOS Technologies,Inc

tên linh kiện SM39R04G1
Giải thích chi tiết về linh kiện  4K Bytes on-chip flash program memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R04G1 bảng dữ liệu(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM39R04G1 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
SM39R04G1
8-Bit Micro-controller
4KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M053
6
Ver.H
SM39R04G1
08/2013
Pin Description
14L
PDIP/SOP
Symbol
I/O
Description
1
P3.0/RXD/#INT0/T0
I/O
Bit 0 of port 3 & Serial interface channel 0 receive/transmit data &
(External interrupt 0 or Timer 0 external input)
2
P3.1/TXD/#INT1/T1
I/O
Bit 1 of port 3 & Serial interface channel 0 transmit data or receive clock in
mode 0 & (External interrupt 1 or Timer 1 external input)
3
XTAL2/P1.2
I/O
Crystal output & Bit 2 of port 1
4
XTAL1/P1.3
I/O
Crystal input & Bit 3 of port 1
5
P3.2/#INT0
I/O
Bit 2 of port 3 & External interrupt 0
6
P3.3/#INT1
I/O
Bit 3 of port 3 & External interrupt 1
7
VSS
I
Power supply
8
P1.0/SDA
I/O
Bit 0 of port 1 & On-Chip Instrumentation Command and data I/O pin
synchronous to OCI_SCL in ICE and ICP functions
9
P1.1/SCL
I/O
Bit 1 of port 1 & On-Chip Instrumentation Clock I/O pin of ICE and ICP
functions
10
P3.4/T0
I/O
Bit 4 of port 3 & Timer 0 external input
11
P3.5/T1
I/O
Bit 5 of port 3 & Timer 1 external input
12
RESET(default)/P3.6/#I
NT0/T0
I/O
Reset pin(default) & (Bit 6 of port 3 or External interrupt 0 or Timer 0
external input)
13
P3.7/#INT1/T1
I/O
Bit 7 of port 3 & (External interrupt 1 or Timer 1 external input)
14
VDD
I
Power supply
The Special Function Pin Can configured as below Table (Can be Select By SFR):
Signal
Default
Option1
Option2
#INT0
5(P3.2)
1(P3.0)
12(P3.6)
#INT1
6(P3.3)
2(P3.1)
13(P3.7)
T0
10(P3.4)
12(P3.6)
1(P3.0)
T1
11(P3.5)
13(P3.7)
2(P3.1)
The RESET Pin Can Be configured as I/O port P3.6,when user use on-chip hardware RESET mechanism。
The XTAL2 can be configured as I/O port P1.2 by ICP or in ISP mode.,when user use Oscillator (XTAL1 as clock input) or
on-chip RC Oscillator is set to main system clock source。
The XTAL1 can be configured as I/O port P1.3 by ICP or in ISP mode,when user use on-chip RC Oscillator is set to main
system clock source。


Số phần tương tự - SM39R04G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
More results

Mô tả tương tự - SM39R04G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com