công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-7541D bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện FW-7541D
Giải thích chi tiết về linh kiện  Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7541D bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7541D Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7541D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
Desktop
Platform
Processor Options
Intel Atom D525 Dual Core onboard
Chipset
Intel ICH8M
BIOS
AMI BIOS 16Mbit SPI Flash ROM
System
Memory
Technology
DDR3 667/800 MHz
Max. Capacity
4GB
Socket
1 x 204P SO-DIMM
OS Support
Windows 2000, 2003, XP, 7, Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 2.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
6 x GbE RJ45
Bypass
1 pair G2
Controllers
1 x Intel 82574L, 5 x Intel 82583V (SKU A/B/C/D)
6 x Intel 82574L (SKU E)
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x Mini-PCIe (with USB signal only)
PCI
N/A
Cooling
Processor
CPU Passive Heatsink
System
Optional cooling Fan
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
N/A
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 268 x 40 x 145 mm
Weight
1.2 kg
Power
Type / Watts
12V/5A 60W Power Adapter
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS, UL
FW-7541A
Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots,
1 pair Gen2 bypass, desktop with active system fan
FW-7541B
Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slot,
without bypass, desktop with active system fan
FW-7541C
Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots,
1 pair Gen2 bypass, desktop with fanless design
FW-7541D
Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots,
without bypass, desktop with fanless design
FW-7541E
Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots,
1 pair Gen2 bypass, desktop with active system fan
Standard Accessories
080W250918010
Console Cable
080W2E0818006
LAN Cable
0P0W060122002
Power Adapter
080W1N0002001
SATA Cable
087W0203V1001
FW-7541 CD
Optional Power Cords
080W240318301
Power Cord (UK 3P/3P)
080W240318304
Power Cord (AU 3P/3P)
080W240318305
Power Cord (EU 3P/2P)
080W240318306
Power Cord (US 3P/3P)
080W240318307
Power Cord (CN 3P/3P)
080W240318310
Power Cord (IND 3P/3P)
Optional Mounting Brackets
PN9NSFG71Z10A
Rack Mount Kit for FW-7535/7541
080W1K1501501
Internal VGA Cable
080W2B0801501
Keyboard/Mouse Cable
080W150902001
DB9 COM Cable


Số phần tương tự - FW-7541D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540A ETC2-FW-7540A Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540B ETC2-FW-7540B Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540C ETC2-FW-7540C Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540D ETC2-FW-7540D Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
More results

Mô tả tương tự - FW-7541D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
AAEON Technology
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
AAEON Technology
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 Series
logo
Axiomtek Co., Ltd.
NA320FL AXIOMTEK-NA320FL Datasheet
352Kb / 1P
   Fanless Desktop Network Appliance Platform with Intel Atom Processor D510 and 6 LANs
logo
Lanner All Rights Reser...
NCA-1525 LANNER-NCA-1525 Datasheet
566Kb / 2P
   Desktop Network Appliance Powered by Intel® Atom® C5325/C5315 (Parker Ridge) CPU
V1-2023.02.03
More results


Html Pages

1 2