công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2936MP-5.0 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2936MP-5.0
Giải thích chi tiết về linh kiện  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2936MP-5.0 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM2936MP-5.0 Datasheet HTML 1Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 2Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 3Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 4Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 5Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 6Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 7Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 8Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 12
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
8
Application and Implementation ........................ 14
3
Description ............................................................. 1
8.1
Application Information............................................ 14
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 14
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 15
6
Specifications......................................................... 4
10
Layout................................................................... 16
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 16
6.2
ESD Ratings.............................................................. 4
10.2
Layout Examples................................................... 16
6.3
Recommended Operating Conditions ....................... 4
10.3
Thermal Considerations ........................................ 16
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 18
6.5
Electrical Characteristics for 3-V LM2936................. 5
11.1
Documentation Support ........................................ 18
6.6
Electrical Characteristics for 3.3-V LM2936.............. 6
11.2
Trademarks ........................................................... 18
6.7
Electrical Characteristics for 5-V LM2936................. 7
11.3
Electrostatic Discharge Caution ............................ 18
6.8
Typical Characteristics .............................................. 8
11.4
Glossary ................................................................ 18
7
Detailed Description ............................................ 12
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 12
Information ........................................................... 18
7.2
Functional Block Diagram ....................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (March 2013) to Revision O
Page
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision M (March 2013) to Revision N
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 13
2
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936


Số phần tương tự - LM2936MP-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Mô tả tương tự - LM2936MP-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com