công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937IMPX-15/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937IMPX-15/NOPB
Giải thích chi tiết về linh kiện  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2937IMPX-15/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2937IMPX-15/NOPB Datasheet HTML 1Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 2Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 3Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 4Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 5Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 6Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 7Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 8Page - Texas Instruments LM2937IMPX-15/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
LM2937 500-mA Low Dropout Regulator
1 Features
3 Description
The LM2937 is a positive voltage regulator capable of
1
Fully Specified for Operation Over
−40°C to 125°C
supplying up to 500 mA of load current. The use of a
Output Current in Excess of 500 mA
PNP power transistor provides a low dropout voltage
Output Trimmed for 5% Tolerance Under all
characteristic. With a load current of 500 mA the
Operating Conditions
minimum input to output voltage differential required
for the output to remain in regulation is typically 0.5 V
Typical Dropout Voltage of 0.5 V at Full Rated
(1-V ensured maximum over the full operating
Load Current
temperature
range).
Special
circuitry
has
been
Wide Output Capacitor ESR Range, up to 3
Ω
incorporated to minimize the quiescent current to
Internal Short Circuit and Thermal Overload
typically only 10 mA with a full 500-mA load current
Protection
when the input to output voltage differential is greater
than 3 V.
Reverse Battery Protection
The LM2937 requires an output bypass capacitor for
60-V Input Transient Protection
stability. As with most low dropout regulators, the
Mirror Image Insertion Protection
ESR of this capacitor remains a critical design
parameter,
but
the
LM2937
includes
special
2 Applications
compensation
circuitry
that
relaxes
ESR
Automotive
requirements. The device is stable for all ESR below
3
Ω. This allows the use of low ESR chip capacitors.
Industrial Control
Ideally suited for automotive applications, the LM2937
Point-of-Load regulation
will protect itself and any load circuitry from reverse
space
battery connections, two-battery jumps, and up to 60-
space
V/
−50-V load dump transients. Familiar regulator
space
features such as short circuit and thermal shutdown
protection are also built in.
Simplified Schematic
Device Information(1)
PART
PACKAGE
BODY SIZE (NOM)
NUMBER
TO-220 (3)
14.986 mm x 10.66 mm
LM2937
SOT (4)
6.50 mm x 3.5 mm
TO-263 (3)
10.18 mm x 8.41 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM2937IMPX-15/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2937IMPX-15/NOPB TI1-LM2937IMPX-15/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937IMPX-15/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com