công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2937IMP-10 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
LM2937IMP-10 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 30 page LM2937 www.ti.com SNVS100F – MARCH 2000 – REVISED JULY 2014 6.8 Electrical Characteristics: LM2937-12 Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX) = 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply over the Recommended Operating temperature range for the specific package, unless otherwise noted. PARAMETER CONDITIONS MIN TYP MAX UNIT Output voltage TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX) 11.64 12 12.36 V 5 mA ≤ IOUT ≤ IOUT(MAX) 11.4 12 12.6 V Line regulation (VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA 36 120 mV Load regulation 5 mA ≤ IOUT ≤ IOUT(MAX) 12 120 mV Quiescent Current (VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA 2 10 mA VIN = (VOUT + 5V), IOUT = IOUT(MAX) 10 20 mA Output noise voltage 10 Hz to 100 kHz, IOUT = 5 mA 360 μVrms Long-term stability 1000 Hrs. 44 mV Dropout voltage IOUT = IOUT(MAX) 0.5 1 V IOUT = 50 mA 110 250 mV Short-circuit current 0.6 1 A Peak line transient voltage tf < 100 ms, RL = 100 Ω 60 75 V Maximum operational input voltage 26 V Reverse DC input voltage VOUT ≥ −0.6 V, RL = 100 Ω –15 –30 V Reverse transient input voltage tr < 1 ms, RL = 100 Ω –50 –75 V 6.9 Electrical Characteristics: LM2937-15 Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX) = 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply over the Recommended Operating temperature range for the specific package, unless otherwise noted. PARAMETER CONDITIONS MIN TYP MAX UNIT Output voltage TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX) 14.55 15 15.45 V 5 mA ≤ IOUT ≤ IOUT(MAX) 14.25 15 15.75 V Line regulation (VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA 45 150 mV Load regulation 5 mA ≤ IOUT ≤ IOUT(MAX) 15 150 mV Quiescent Current (VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA 2 10 mA VIN = (VOUT + 5V), IOUT = IOUT(MAX) 10 20 mA Output noise voltage 10 Hz to 100 kHz, IOUT = 5 mA 450 μVrms Long-term stability 1000 Hrs. 56 mV Dropout voltage IOUT = IOUT(MAX) 0.5 1 V IOUT = 50 mA 110 250 mV Short-circuit current 0.6 1 A Peak line transient voltage tf < 100 ms, RL = 100 Ω 60 75 V Maximum operational input voltage 26 V Reverse DC input voltage VOUT ≥ −0.6 V, RL = 100 Ω –15 –30 V Reverse transient input voltage tr < 1 ms, RL = 100 Ω –50 –75 V Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM2937 |
Số phần tương tự - LM2937IMP-10 |
|
Mô tả tương tự - LM2937IMP-10 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |