công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937ET-15/NOPB bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937ET-15/NOPB
Giải thích chi tiết về linh kiện  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2937ET-15/NOPB bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2937ET-15/NOPB Datasheet HTML 3Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 4Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 5Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 6Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 7Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 8Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 9Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 10Page - Texas Instruments LM2937ET-15/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
6.8 Electrical Characteristics: LM2937-12
Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX)
= 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply
over the Recommended Operating temperature range for the specific package, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX)
11.64
12
12.36
V
5 mA
≤ IOUT ≤ IOUT(MAX)
11.4
12
12.6
V
Line regulation
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
36
120
mV
Load regulation
5 mA
≤ IOUT ≤ IOUT(MAX)
12
120
mV
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
2
10
mA
VIN = (VOUT + 5V), IOUT = IOUT(MAX)
10
20
mA
Output noise voltage
10 Hz to 100 kHz, IOUT = 5 mA
360
μVrms
Long-term stability
1000 Hrs.
44
mV
Dropout voltage
IOUT = IOUT(MAX)
0.5
1
V
IOUT = 50 mA
110
250
mV
Short-circuit current
0.6
1
A
Peak line transient voltage
tf < 100 ms, RL = 100 Ω
60
75
V
Maximum operational input voltage
26
V
Reverse DC input voltage
VOUT ≥ −0.6 V, RL = 100 Ω
–15
–30
V
Reverse transient input voltage
tr < 1 ms, RL = 100 Ω
–50
–75
V
6.9 Electrical Characteristics: LM2937-15
Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX)
= 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply
over the Recommended Operating temperature range for the specific package, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX)
14.55
15
15.45
V
5 mA
≤ IOUT ≤ IOUT(MAX)
14.25
15
15.75
V
Line regulation
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
45
150
mV
Load regulation
5 mA
≤ IOUT ≤ IOUT(MAX)
15
150
mV
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
2
10
mA
VIN = (VOUT + 5V), IOUT = IOUT(MAX)
10
20
mA
Output noise voltage
10 Hz to 100 kHz, IOUT = 5 mA
450
μVrms
Long-term stability
1000 Hrs.
56
mV
Dropout voltage
IOUT = IOUT(MAX)
0.5
1
V
IOUT = 50 mA
110
250
mV
Short-circuit current
0.6
1
A
Peak line transient voltage
tf < 100 ms, RL = 100 Ω
60
75
V
Maximum operational input voltage
26
V
Reverse DC input voltage
VOUT ≥ −0.6 V, RL = 100 Ω
–15
–30
V
Reverse transient input voltage
tr < 1 ms, RL = 100 Ω
–50
–75
V
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2937


Số phần tương tự - LM2937ET-15/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2937ET-15/NOPB TI1-LM2937ET-15/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937ET-15/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com