công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937ET-15 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937ET-15
Giải thích chi tiết về linh kiện  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2937ET-15 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2937ET-15 Datasheet HTML 7Page - Texas Instruments LM2937ET-15 Datasheet HTML 8Page - Texas Instruments LM2937ET-15 Datasheet HTML 9Page - Texas Instruments LM2937ET-15 Datasheet HTML 10Page - Texas Instruments LM2937ET-15 Datasheet HTML 11Page - Texas Instruments LM2937ET-15 Datasheet HTML 12Page - Texas Instruments LM2937ET-15 Datasheet HTML 13Page - Texas Instruments LM2937ET-15 Datasheet HTML 14Page - Texas Instruments LM2937ET-15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
+
Current Limit
OVSD
(§32V)
Thermal
Shutdown
INPUT
OUTPUT
GND
LM2937
PNP
Bandgap
Reference
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
7 Detailed Description
7.1 Overview
The LM2937 is a positive voltage regulator capable of supplying up to 500 mA of load current. The use of a PNP
power transistor provides a low dropout voltage characteristic. With a load current of 500 mA the minimum input
to output voltage differential required for the output to remain in regulation is typically 0.5 V (1 V ensured
maximum over the full operating temperature range). Special circuitry has been incorporated to minimize the
quiescent current to typically only 10 mA with a full 500-mA load current when the input to output voltage
differential is greater than 3 V.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Thermal Shutdown (TSD)
The Thermal Shutdown circuitry of the LM2937 has been designed to protect the device against temporary
thermal overload conditions. The TSD circuitry is not intended to replace proper heat-sinking. Continuously
running the LM2937 device at thermal shutdown may degrade device reliability as the junction temperature will
be exceeding the absolute maximum junction temperature rating.
7.3.2 Short Circuit Current Limit
The output current limiting circuitry of the LM2937 has been designed to limit the output current in cases where
the load impedance is unusually low. This includes situations where the output may be shorted directly to ground.
Continuous operation of the LM2937 at the current limit will typically result in the LM2937 transitioning into
Thermal Shutdown mode.
7.3.3 Overvoltage Shutdown (OVSD)
Input voltages greater than typically 32 V will cause the LM2937 output to be disabled. When operating with the
input voltage greater than the maximum recommended input voltage of 26 V the device performance is not
ensured. Continuous operation with the input voltage greater than the maximum recommended input voltage is
discouraged.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2937


Số phần tương tự - LM2937ET-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937ET-15 NSC-LM2937ET-15 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-15 TI1-LM2937ET-15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
LM2937ET-15/NOPB TI1-LM2937ET-15/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937ET-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com