công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM140LA-15 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM140LA-15
Giải thích chi tiết về linh kiện  LM140LQML Series 3-Terminal Positive Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM140LA-15 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM140LA-15 Datasheet HTML 1Page - Texas Instruments LM140LA-15 Datasheet HTML 2Page - Texas Instruments LM140LA-15 Datasheet HTML 3Page - Texas Instruments LM140LA-15 Datasheet HTML 4Page - Texas Instruments LM140LA-15 Datasheet HTML 5Page - Texas Instruments LM140LA-15 Datasheet HTML 6Page - Texas Instruments LM140LA-15 Datasheet HTML 7Page - Texas Instruments LM140LA-15 Datasheet HTML 8Page - Texas Instruments LM140LA-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM140LQML
www.ti.com
SNVS381A – MARCH 2006 – REVISED MAY 2013
Absolute Maximum Ratings
(1)
Input Voltage
35V
Internal Power Dissipation(2)
Internally Limited
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 sec.)
+300°C
Still Air @ 0.5W
201°C/W
θJA
Thermal Resistance
500LF / Min Air Flow @ 0.5W
79°C/W
θJC (@ 1.0W)
38°C/W
ESD Susceptibility(3)
TBD
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specify specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 100pF discharged through 1.5K
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM140LQML


Số phần tương tự - LM140LA-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM140LAH-12 NSC-LM140LAH-12 Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-12 TI1-LM140LAH-12 Datasheet
406Kb / 14P
[Old version datasheet]   LM140L/LM340L Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM140LAH-12/883 NSC-LM140LAH-12/883 Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-12/883 TI1-LM140LAH-12/883 Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LAH-12/883 TI1-LM140LAH-12/883 Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
More results

Mô tả tương tự - LM140LA-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI1-LM140LQML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com