công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117HV bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM117HV
Giải thích chi tiết về linh kiện  LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM117HV bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM117HV_15 Datasheet HTML 2Page - Texas Instruments LM117HV_15 Datasheet HTML 3Page - Texas Instruments LM117HV_15 Datasheet HTML 4Page - Texas Instruments LM117HV_15 Datasheet HTML 5Page - Texas Instruments LM117HV_15 Datasheet HTML 6Page - Texas Instruments LM117HV_15 Datasheet HTML 7Page - Texas Instruments LM117HV_15 Datasheet HTML 8Page - Texas Instruments LM117HV_15 Datasheet HTML 9Page - Texas Instruments LM117HV_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM117HV, LM317HV
SNVS773D – APRIL 2000 – REVISED SEPTEMBER 2015
www.ti.com
7.5 Electrical Characteristics
(1)
LM117HV
LM317HV
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
0.01
0.02
0.01
0.04
%/V
3 V
≤ VIN − VOUT
Line Regulation
60 V
over full Operating
0.02
0.05
0.02
0.07
%/V
IL = 10 mA
(2)
Temperature Range
TJ = 25°C
0.1%
0.3%
0.1%
0.5%
10 mA
≤ IOUT
Load Regulation
over full Operating
IMAX
0.3%
1%
0.3%
1.5%
Temperature Range
Thermal Regulation
TJ = 25°C, 20 ms Pulse
0.03
0.07
0.04
0.07
%/W
Adjustment Pin Current
50
100
50
100
μA
Adjustment Pin Current
10 mA
≤ IL ≤ IMAX
0.2
5
0.2
5
μA
Change
3 V
≤ (VIN − VOUT) ≤ 60 V
3 V
≤ (VIN − VOUT) ≤ 60 V
Reference Voltage
1.2
1.25
1.3
1.2
1.25
1.3
V
10 mA
≤ IOUT ≤ IMAX, P ≤ PMAX
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1%
1%
Minimum Load Current
(VIN − VOUT) = 60 V
3.5
7
3.5
12
mA
TO-3, TO-220
1.5
2.2
3.5
1.5
2.2
3.7
(VIN − VOUT) ≤
Packages
A
15 V
TO-39 Package
0.5
0.8
1.8
0.5
0.8
1.9
Current Limit
TO-3, TO-220
0.3
0.3
(VIN − VOUT) ≤
Packages
A
60 V
TO-39 Package
0.03
0.03
RMS Output Noise, % of
TJ = 25°C, 10 Hz ≤ f ≤ 10 kHz
0.003%
0.003%
VOUT
VOUT = 10V, f = 120 Hz
65
65
dB
Ripple Rejection Ratio
CADJ = 10 μF
66
80
66
80
dB
Long-Term Stability
TJ = 125°C
0.3%
1%
0.3%
1%
(1)
Unless otherwise specified, these specifications apply:
−55°C ≤ TJ ≤ +150°C for the LM117HV, and 0°C ≤ TJ ≤ +125°C for the
LM317HV; VIN − VOUT = 5 V and IOUT = 0.1 A for the TO-39 package and IOUT = 0.5 A for the TO-3 and TO-220 packages. Although
power dissipation is internally limited, these specifications are applicable for power dissipations of 2 W for the TO-39 and 20 W for the
TO-3 and TO-220. IMAX is 1.5 A for the TO-3 and TO-220 and 0.5 A for the TO-39 package.
(2)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM117HV LM317HV


Số phần tương tự - LM117HV_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM117HV_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317HV TI-LM317HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com