công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM117
Giải thích chi tiết về linh kiện  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM117 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM117_15 Datasheet HTML 6Page - Texas Instruments LM117_15 Datasheet HTML 7Page - Texas Instruments LM117_15 Datasheet HTML 8Page - Texas Instruments LM117_15 Datasheet HTML 9Page - Texas Instruments LM117_15 Datasheet HTML 10Page - Texas Instruments LM117_15 Datasheet HTML 11Page - Texas Instruments LM117_15 Datasheet HTML 12Page - Texas Instruments LM117_15 Datasheet HTML 13Page - Texas Instruments LM117_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LM117, LM317A, LM317-N
SNVS774O – MAY 2004 – REVISED JANUARY 2014
www.ti.com
APPLICATION HINTS
In operation, the LM117 develops a nominal 1.25V reference voltage, VREF, between the output and adjustment
terminal. The reference voltage is impressed across program resistor R1 and, since the voltage is constant, a
constant current I1 then flows through the output set resistor R2, giving an output voltage of
(1)
Since the 100
μA current from the adjustment terminal represents an error term, the LM117 was designed to
minimize IADJ and make it very constant with line and load changes. To do this, all quiescent operating current is
returned to the output establishing a minimum load current requirement. If there is insufficient load on the output,
the output will rise.
External Capacitors
An input bypass capacitor is recommended. A 0.1
μF disc or 1μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM117 to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10
μF bypass capacitor
80 dB ripple rejection is obtainable at any output level. Increases over 10
μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
In general, the best type of capacitors to use is solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25
μF in aluminum electrolytic to
equal 1
μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies; but some
types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01
μF disc may
seem to work better than a 0.1
μF disc as a bypass.
Although the LM117 is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1
μF solid
tantalum (or 25
μF aluminum electrolytic) on the output swamps this effect and insures stability. Any increase of
the load capacitance larger than 10
μF will merely improve the loop stability and output impedance.
Load Regulation
The LM117 is capable of providing extremely good load regulation but a few precautions are needed to obtain
maximum performance. The current set resistor connected between the adjustment terminal and the output
terminal (usually 240
Ω) should be tied directly to the output (case) of the regulator rather than near the load. This
eliminates line drops from appearing effectively in series with the reference and degrading regulation. For
example, a 15V regulator with 0.05
Ω resistance between the regulator and load will have a load regulation due to
line resistance of 0.05
Ω × IL. If the set resistor is connected near the load the effective line resistance will be
0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse.
Figure 23 shows the effect of resistance between the regulator and 240
Ω set resistor.
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM117 LM317A LM317-N


Số phần tương tự - LM117_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Texas Instruments
LM117 TI1-LM117_16 Datasheet
5Mb / 48P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
More results

Mô tả tương tự - LM117_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117 TI1-LM117 Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com