công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS07N70 bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện SS07N70
Giải thích chi tiết về linh kiện  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SS07N70 bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button SS07N70 Datasheet HTML 2Page - Infineon Technologies AG SS07N70 Datasheet HTML 3Page - Infineon Technologies AG SS07N70 Datasheet HTML 4Page - Infineon Technologies AG SS07N70 Datasheet HTML 5Page - Infineon Technologies AG SS07N70 Datasheet HTML 6Page - Infineon Technologies AG SS07N70 Datasheet HTML 7Page - Infineon Technologies AG SS07N70 Datasheet HTML 8Page - Infineon Technologies AG SS07N70 Datasheet HTML 9Page - Infineon Technologies AG SS07N70 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
0
1**N ;__\EGKm ;0 H_gUb LbQ^cYcd_b
))#%(%#
JUf( #(*& ,*+,'+"'-!
G_SZW[W\O_f <OaO JVSSa
,
8ZSQa_WQOZ QVO_OQaS_W`aWQ`
Qd ,Z 6 ,/k;& e^\Ucc _dXUbgYcU c`USYVYUT
GOPZS ,
FaOaWQ QVO_OQaS_W`aWQ`
IOZbS`
AW\&
Gf^&
AOe&
DO_O[SaS_
Ff[P]Z
H\Wa
B]aS ' GS`a 6]\RWaW]\
<_OW\(`]b_QS P_SOYR]d\ c]ZaOUS
-#9J$<KK
2++
L
-?K 6 *N& (< 6 +]8
?OaS aV_S`V]ZR c]ZaOUS
-?K#dX$
-)0
.
.)0
L
-<K 6 -?K& (< 6 *("$]8
NS_] UOaS c]ZaOUS R_OW\ Qb__S\a
( <KK
,
i8
-<K 6 1**N& -?K 6 *N& ,Z 6 ,/k;
,+
-<K 6 1**N& -?K 6 *N& ,Z 6 +/*k;
?OaS(`]b_QS ZSOYOUS Qb__S\a
( ?KK
,++
\8
-?K 6 ,*N& -<K 6 *N
<_OW\(`]b_QS ]\(`aOaS _S`W`aO\QS
+<K#_^$
+)300
+)40
W
-?K 6 +*N& (< 6 +(/8& ,Z 6 ,/k;
-)--.
-?K 6 +*N& (< 6 +(/8& ,Z 6 +/*k;
?OaS _S`W`aO\QS
+?
0)0
W
/ 6 +E@j& _`U^ TbQY^
GOPZS -
7f\O[WQ QVO_OQaS_W`aWQ`
IOZbS`
AW\&
Gf^&
AOe&
DO_O[SaS_
Ff[P]Z
H\Wa
B]aS ' GS`a 6]\RWaW]\
A\^ba QO^OQWaO\QS
%Ycc
.-3
^>
-?K 6 *N& -<K 6 +**N& / 6 +E@j
Fba^ba QO^OQWaO\QS
%_cc
-.
^>
=TTSQaWcS ]ba^ba QO^OQWaO\QS' S\S_Uf
_SZOaSR
,&
%_#Ub$
,/
^>
-?K 6 *N& -<K 6 * ((( .2*N
=TTSQaWcS ]ba^ba QO^OQWaO\QS' aW[S
_SZOaSR
-&
%_#db$
03)0
^>
(< 6 S_^cdQ^d& -?K 6 *N&
-<K 6 * ((( .2*N
Kb_\(]\ RSZOf aW[S
1T#_^$
1)1
\`
-<< 6 .**N& -?K 6 +-N& (< 6 ,(,8&
+? 6 +*(,
W
%`SS aOPZS ,2&
IW`S aW[S
1b
0)-
\`
Kb_\(]TT RSZOf aW[S
1T#_VV$
/,
\`
>OZZ aW[S
1V
,.)1
\`
GOPZS .
;OaS QVO_US QVO_OQaS_W`aWQ`
IOZbS`
AW\&
Gf^&
AOe&
DO_O[SaS_
Ff[P]Z
H\Wa
B]aS ' GS`a 6]\RWaW]\
?OaS a] `]b_QS QVO_US
*Wc
,)3
\;
-<< 6 .2*N& (< 6 ,(,8&
-?K 6 * d_ +*N
?OaS a] R_OW\ QVO_US
*WT
3
\;
?OaS QVO_US a]aOZ
*W
,0).
\;
?OaS ^ZOaSOb c]ZaOUS
-`\QdUQe
0),
L
,& ;]%S_& W` O TWeSR QO^OQWaO\QS aVOa UWcS` aVS `O[S `a]_SR S\S_Uf O` ;]`` dVWZS L<J W` _W`W\U T_][ + a] 3+# L%9I&<JJ
-& ;]%a_& W` O TWeSR QO^OQWaO\QS aVOa UWcS` aVS `O[S QVO_UW\U aW[S O` ;]`` dVWZS L<J W` _W`W\U T_][ + a] 3+# L%9I&<JJ
Final Datasheet
0.86
1
480V
480V


Số phần tương tự - SS07N70

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABC Taiwan Electronics ...
SS0704100YL ABC-SS0704100YL Datasheet
443Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SS0704101KL ABC-SS0704101KL Datasheet
443Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SS0704120YL ABC-SS0704120YL Datasheet
443Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SS0704121KL ABC-SS0704121KL Datasheet
443Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SS0704150YL ABC-SS0704150YL Datasheet
443Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Mô tả tương tự - SS07N70

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com