công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS05N70 bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện SS05N70
Giải thích chi tiết về linh kiện  700V CoolMOS??C6 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SS05N70 bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  SS05N70_15 Datasheet HTML 1Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 2Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 3Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 4Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 5Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 6Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 7Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 8Page - Infineon Technologies AG SS05N70_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GOPZS ]T 6]\aS\a`
=TaR`X_bX^] * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * .
LPQ[T ^U <^]bT]ba * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * /
EPfX\c\ `PbX]Va * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 0
LWT`\P[ RWP`PRbT`XabXRa * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 1
>[TRb`XRP[ RWP`PRbT`XabXRa * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 2
>[TRb`XRP[ RWP`PRbT`XabXRa SXPV`P\a * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 4
LTab <X`RcXba * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * -.
HPRZPVT Gcb[X]Ta * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * -/
9__T]SXf 9 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * -0
JTdXaX^] AXab^`g * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * -1
=XaR[PX\T` * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * -1
-
1**N ;__\EGKm ;0 H_gUb LbQ^cYcd_b
(($%'&$
JUf( #(*& ,*+,'+"'-!
H`T[X\X]P`g =PbP KWTTb
Final Datasheet


Số phần tương tự - SS05N70_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Highly Electric Co., Lt...
SS05 HIGHLY-SS05 Datasheet
1Mb / 3P
   SNAP ACTION SWITCH
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
   Schottky Barrier Diode 15V, 500mA Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
   Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
More results

Mô tả tương tự - SS05N70_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
IPA65R099C6 INFINEON-IPA65R099C6 Datasheet
3Mb / 20P
   CoolMOS??C6 Power Transistor
2011-12-14 revision:2.0
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
   600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
IPA60R950C6 INFINEON-IPA60R950C6_14 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2014-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com