công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9107-40ATC bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK9107-40ATC
Giải thích chi tiết về linh kiện  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9107-40ATC bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK9107-40ATC_15 Datasheet HTML 1Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 2Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 3Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 4Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 5Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 6Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 7Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 8Page - NXP Semiconductors BUK9107-40ATC_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BUK9107-40ATC
N-channel TrenchPLUS logic level FET
Rev. 04 — 16 February 2009
Product data sheet
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. The devices include TrenchPLUS diodes for
clamping, ElectroStatic Discharge (ESD) protection and temperature sensing. This
product has been designed and qualified to the appropriate AEC standard for use in
automotive critical applications.
1.2 Features and benefits
Allows responsive temperature
monitoring due to integrated
temperature sensor
Low conduction losses due to low
on-state resistance
Q101 compliant
1.3 Applications
12 V and 24 V high power motor
drives
Automotive and general purpose
power switching
Electrical Power Assisted Steering
(EPAS)
Protected drive for lamps
1.4 Quick reference data
[1]
Current is limited by power dissipation chip rating.
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ID
drain current
VGS =5V; Tmb =25°C; see Figure 2;
see Figure 3
[1]
--
140
A
Ptot
total power dissipation
Tmb =25°C; see Figure 1
--
272
W
Tj
junction temperature
-55
-
175
°C
RDSon
drain-source on-state
resistance
VGS =10V; ID =50A; Tj =25°C
-
5.2
6.2
m
VGS =4.5 V; ID =50A; Tj =25°C
-
6
7.7
m
VGS =5V; ID =50A; Tj =25 °C;
see Figure 7; see Figure 8
-5.8
7
m
SF(TSD)
temperature sense diode
temperature coefficient
IF = 250 µA; Tj >-55 °C; Tj < 175 °C
-1.4
-1.54
-1.68
mV/K
VF(TSD)
temperature sense diode
forward voltage
IF = 250 µA; Tj = 25 °C
648
658
668
mV


Số phần tương tự - BUK9107-40ATC_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
logo
Nexperia B.V. All right...
BUK9107-40ATC NEXPERIA-BUK9107-40ATC Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 04 - 16 February 2009
More results

Mô tả tương tự - BUK9107-40ATC_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com