công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9209-40B bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện BUK9209-40B
Giải thích chi tiết về linh kiện  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9209-40B bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button BUK9209-40B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUK9209-40B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 June 2010
6 of 14
NXP Semiconductors
BUK9209-40B
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj = 25 °C
40
--V
ID =0.25mA; VGS =0V; Tj = -55 °C
36
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10
1.1
1.5
2
V
ID =1mA; VDS =VGS; Tj = 185 °C;
see Figure 10
0.4
--V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--2.3
V
IDSS
drain leakage current
VDS =40V; VGS =0V; Tj = 185 °C
-
-
500
µA
VDS =40V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
IGSS
gate leakage current
VDS =0V; VGS =15V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =-15 V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =25A; Tj = 25 °C
--10
m
VGS =5V; ID =25A; Tj = 185 °C;
see Figure 11; see Figure 12
-
-
17.5
m
VGS =10V; ID =25A; Tj =25°C
-
6.2
7
m
VGS =5V; ID =25A; Tj =25 °C;
see Figure 11; see Figure 12
-7.6
9
m
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =32V; VGS =5V;
Tj =25°C; see Figure 13
-32
-
nC
QGS
gate-source charge
-
7
-
nC
QGD
gate-drain charge
-
12
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 14
-
2714
3619
pF
Coss
output capacitance
-
481
577
pF
Crss
reverse transfer
capacitance
-
209
286
pF
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω; VGS =5V;
RG(ext) =10 Ω; Tj =25 °C
-29
-
ns
tr
rise time
-
106
-
ns
td(off)
turn-off delay time
-
108
-
ns
tf
fall time
-
89
-
ns
LD
internal drain
inductance
measured from drain to center of die ;
Tj =25°C
-2.5
-nH
LS
internal source
inductance
measured from source lead to source
bond pad ; Tj =25°C
-7.5
-nH
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 15
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs;
VGS =-10 V; VDS =30 V; Tj =25°C
-57
-
ns
Qr
recovered charge
-
47
-
nC


Số phần tương tự - BUK9209-40B_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9209-40B PHILIPS-BUK9209-40B Datasheet
99Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 December 2003
logo
Inchange Semiconductor ...
BUK9209-40B ISC-BUK9209-40B Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9209-40B NEXPERIA-BUK9209-40B Datasheet
958Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03 - 15 June 2010
More results

Mô tả tương tự - BUK9209-40B_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com