công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL267817IUZ bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL267817IUZ
Giải thích chi tiết về linh kiện  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IUZ bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL267817IUZ Datasheet HTML 1Page - Intersil Corporation ISL267817IUZ Datasheet HTML 2Page - Intersil Corporation ISL267817IUZ Datasheet HTML 3Page - Intersil Corporation ISL267817IUZ Datasheet HTML 4Page - Intersil Corporation ISL267817IUZ Datasheet HTML 5Page - Intersil Corporation ISL267817IUZ Datasheet HTML 6Page - Intersil Corporation ISL267817IUZ Datasheet HTML 7Page - Intersil Corporation ISL267817IUZ Datasheet HTML 8Page - Intersil Corporation ISL267817IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL267817
5
FN7877.2
April 19, 2012
REFERENCE INPUT
VREF
VREF Input Range
0.1
2.5
V
VREFLEAK Current Drain
-100
4
100
µA
fSAMPLE = 12.5kHz
-20
0.23
20
µA
CS/SHDN = +VCC
-3
0.01
3
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
VIH
Input High Voltage
3
+VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
VOH
Output High Voltage
IOH = –250µA
3.5
V
VOL
Output Low Voltage
IOL = 250µA
0.4
V
Output Coding
Two’s Complement
ILEAK
Input Leakage Current
-1
1
µA
CIN
Input Capacitance
10
pF
IOZ
Floating-State Output Current
-1
1
µA
COUT
Floating-State Output Capacitance
5
pF
POWER REQUIREMENTS
VCC
Supply Voltage Range
4.75
5.25
V
ICC
Supply Current
430
800
µA
fSAMPLE = 12.5kHz (Notes 8, 9)
38
µA
fSAMPLE = 12.5kHz (Note 9)
223
µA
Power Down Current
CS/SHDN = +VCC, fSAMPLE = 0Hz
0.5
3
µA
TEMPERATURE RANGE
Specified Performance
-40
+85
°C
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. The absolute voltage applied to each analog input must be between GND and +VCC to guarantee datasheet performance.
8. fDCLOCK = 3.2MHz, CS/SHDN = +VCC for 241 clock cycles out of every 256.
9. See “Power vs Throughput Rate” on page 13 for more information regarding lower sample rates.
Electrical Specifications +VCC = +5V, fDCLOCK =3.2MHz, fS = 200kSPS, VREF = 2.5V; VCM = VREF, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6) TYP
MAX
(Note 6)
UNITS
Timing Specifications Limits established by characterization and are not production tested. +VCC = 5V, fDCLOCK =3.2MHz, fS = 200kSPS,
VREF =2.5V; VCM = VREF. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
tSMPL
Analog Input Sample Time
1.5
2.0
Clk Cycles
tCONV
Conversion Time
12
Clk Cycles
fCYC
Throughput Rate
200
kHz
tCSD
CS/SHDN Falling Edge to DCLOCK Low
0
ns
tSUCS
CS/SHDN Falling Edge to DCLOCK Rising Edge
30
ns
thDO
DCLOCK Falling Edge to Current DOUT Not Valid
15
ns


Số phần tương tự - ISL267817IUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL267817IUZ INTERSIL-ISL267817IUZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IUZ RENESAS-ISL267817IUZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

Mô tả tương tự - ISL267817IUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com