công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21080DIH310Z-TK bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL21080DIH310Z-TK
Giải thích chi tiết về linh kiện  300nA NanoPower Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080DIH310Z-TK bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL21080DIH310Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL21080
2
FN6934.5
June 23, 2014
Submit Document Feedback
Pin Configuration
ISL21080
(3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage Connection.
2VOUT
Voltage Reference Output
3
GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
(Note 4)
VOUT OPTION
(V)
GRADE
(%)
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL21080DIH309Z-TK
BCLA
0.9
±0.7
-40 to +85
3 Ld SOT-23
P3.064
ISL21080DIH310Z-TK
BCMA
1.024
±0.7
-40 to +85
3 Ld SOT-23
P3.064
ISL21080DIH312Z-TK
BCNA
1.25
±0.6
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH315Z-TK
BCDA
1.5
±0.5
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH320Z-TK
BCPA
2.048
±0.3
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH325Z-TK
BCRA
2.5
±0.3
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH330Z-TK
BCSA
3.0
±0.2
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH333Z-TK
BCTA
3.3
±0.2
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH341Z-TK
BCVA
4.096
±0.2
-40 to +85
3 Ld SOT-23
P3.064
ISL21080CIH350Z-TK
BCWA
5.0
±0.2
-40 to +85
3 Ld SOT-23
P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21080. For more information on MSL please see techbrief TB363.
4. The part marking is located on the bottom of the part.


Số phần tương tự - ISL21080DIH310Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080DIH310Z-TK INTERSIL-ISL21080DIH310Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH310Z-TK INTERSIL-ISL21080DIH310Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080DIH310Z-TK RENESAS-ISL21080DIH310Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Mô tả tương tự - ISL21080DIH310Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com