công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ1990 bảng dữ liệu(PDF) 1 Page - IK Semicon Co., Ltd

tên linh kiện IZ1990
Giải thích chi tiết về linh kiện  ROM function command
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IKSEMICON [IK Semicon Co., Ltd]
Trang chủ  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IZ1990 bảng dữ liệu(HTML) 1 Page - IK Semicon Co., Ltd

  IZ1990 Datasheet HTML 1Page - IK Semicon Co., Ltd IZ1990 Datasheet HTML 2Page - IK Semicon Co., Ltd IZ1990 Datasheet HTML 3Page - IK Semicon Co., Ltd IZ1990 Datasheet HTML 4Page - IK Semicon Co., Ltd IZ1990 Datasheet HTML 5Page - IK Semicon Co., Ltd IZ1990 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
1
May 2014, Rev. 00
CMOS IC FOR ELECTRONIC KEY
DESCRIPTION
CMOS microcircuit is essentially an electronic carrier of the unique 64-bit digital code.
The code is stored in the internal nonvolatile memory. The data exchange is performed by
the protocol 1-Wire, which requires one sole data pin and the common pin. The
microcircuit supports the function of the protocol 1-Wire of ROM search, which makes it
possible for several devices to operate on one bus. This protocol determines the alteration
conditions of the bus status and the time intervals during synchronization by the
synchropulses cuts of the control device. Data read-out and writing are performed by the
junior significant bit forward.
TRANSACTION SEQUENCE
Access sequence to IZ1990 via 1-Wire port is as follows:
 Initialization
 ROM function command
 Data read-out
INITIALIZATION
All transactions on the bus 1-Wire start with the initialization sequence. The
initialization sequence consists of the reset pulse, applied by the bus master, followed by
the availability pulse (or pulses), applied by the slave buses (or slave buses).
The availability pulse informs the bus master, that IZ1990 is connected to the bus and
is ready for operation.
ROM FUNCTIONS COMMANDS
After the bus master has determined availability of the device, it can apply one out of
four commands for operation with ROM. All commands for operation with ROM have the
length of 8 bits. These commands are enumerated below (see also the diagram in Fig. 4)
ROM Reading [33h] or [0Fh]
This command enables the bus master to read the 8-bit group code IZ1990, its
unique 48-bit serial number and 8-bit control total (CRC). This command can be used only,
if the bus has one device IZ1990. If the bus has more, than one slave, there will be a
conflict of data, when all slave ones, when all slave ones attempt to apply at the same time
IZ1990


Số phần tương tự - IZ1990

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
IZ1203SA XPPOWER-IZ1203SA Datasheet
58Kb / 2P
   DC-DC Power Supplies
IZ1205S XPPOWER-IZ1205S Datasheet
58Kb / 2P
   DC-DC Power Supplies
IZ1205SA XPPOWER-IZ1205SA Datasheet
58Kb / 2P
   DC-DC Power Supplies
IZ1212S XPPOWER-IZ1212S Datasheet
58Kb / 2P
   DC-DC Power Supplies
IZ1212SA XPPOWER-IZ1212SA Datasheet
58Kb / 2P
   DC-DC Power Supplies
More results

Mô tả tương tự - IZ1990

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
King blillion Electroni...
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
logo
General Cable Technolog...
C1701 GENERAL-C1701 Datasheet
60Kb / 1P
   COMMAND SERIES
C1800 GENERAL-C1800 Datasheet
60Kb / 1P
   COMMAND SERIES
C1703 GENERAL-C1703 Datasheet
59Kb / 1P
   COMMAND SERIES
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
   Command Expert
logo
General Cable Technolog...
C1801 GENERAL-C1801 Datasheet
60Kb / 1P
   COMMAND SERIES
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
   COMMAND SERIES
C1702 GENERAL-C1702 Datasheet
59Kb / 1P
   COMMAND SERIES
C1707 GENERAL-C1707 Datasheet
60Kb / 1P
   COMMAND SERIES
C1803 GENERAL-C1803 Datasheet
60Kb / 1P
   COMMAND SERIES
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com