công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM49321 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM49321
Giải thích chi tiết về linh kiện  LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM49321 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM49321_15 Datasheet HTML 2Page - Texas Instruments LM49321_15 Datasheet HTML 3Page - Texas Instruments LM49321_15 Datasheet HTML 4Page - Texas Instruments LM49321_15 Datasheet HTML 5Page - Texas Instruments LM49321_15 Datasheet HTML 6Page - Texas Instruments LM49321_15 Datasheet HTML 7Page - Texas Instruments LM49321_15 Datasheet HTML 8Page - Texas Instruments LM49321_15 Datasheet HTML 9Page - Texas Instruments LM49321_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LM49321, LM49321RLEVAL
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
www.ti.com
Audio Amplifier Electrical Characteristics AVDD = 3.0V, DVDD = 3.0V
(1) (2)
The following specifications apply for the circuit shown in Figure 41 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for TA = 25°C.
LM49321
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
VIN = 0, No Load
13
18
mA (max)
All Amps On + DAC, OCL(5)
Headphone Mode Only, OCL, DAC off
4.6
6.25
mA (max)
Headphone Mode Only, OCL, DAC Off
STEREO_OUTPUT_ONLY = 1,
4
5.5
mA
STEREO_INPUT_ONLY = 1
Headphone Mode only OCL, DAC On,
IDD
Supply Current
OSR = 64, DAC_INPUT_ONLY = 1
7.5
10
mA (max)
STEREO_OUTPUT_ONLY = 1
Mono Loudspeaker Mode Only
6.5
11.5
mA (max)
Mono Earpiece Speaker Mode Only
MONO_ONLY = 1 (register 01h)
3.7
5
mA (max)
MONO_ONLY = 0
3.3
mA
DAC Off, All Amps On (OCL)(5)
10
13.5
mA (max)
ISD
Shutdown Current
See(6)
0.6
1
μA (max)
Speaker; THD = 1%; f = 1kHz, 8
Ω BTL
420
370
mW (min)
PO
Output Power
Headphone; THD = 1%; f = 1kHz, 32
Ω SE
27
24
mW (min)
Earpiece; THD = 1%; f = 1kHz, 32
Ω BTL
45
40
mW (min)
VFS DAC
Full Scale DAC Output
2.4
VRMS
Speaker; PO = 200mW; f = 1kHz, 8Ω BTL
0.04
%
THD+N
Total Harmonic Distortion+Noise
Headphone; PO = 10mW; f = 1kHz, 32Ω SE
0.01
%
Earpiece; PO = 20mW; f = 1kHz, 32Ω BTL
0.04
%
Speaker
10
55
mV (max)
VOS
Offset Voltage
Earpiece
8
50
mV (max)
Headphone (OCL)
8
15
mV (max)
O
Output Noise
A-weighted; 0dB gain
Table 1
PSRR
Power Supply Rejection Ratio
f = 217Hz; VRIPPLE = 200mVP-P, CB = 2.2μF
Table 2
XTALK
Crosstalk
Headphone; PO = 10mW, f = 1kHz; OCL
–60
dB
CB = 2.2μF, CD_6 = 0
35
ms
TWU
Wake-Up Time
CB = 2.2μF, CD_6 = 1
85
ms
CMRR
Common-Mode Rejection Ratio
f = 217Hz, VRMS = 200mVPP
56
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(5)
Enabling mono bit (MONO_ONLY in Output Control Register 01h) will save 400
μA (typ) form specified current.
(6)
Shutdown current is measured in a normal room environment.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49321 LM49321RLEVAL


Số phần tương tự - LM49321_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49321RL NSC-LM49321RL Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321RL/NOPB TI1-LM49321RL/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results

Mô tả tương tự - LM49321_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4937 TI1-LM4937 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com