công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48512 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM48512
Giải thích chi tiết về linh kiện  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM48512 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM48512_15 Datasheet HTML 1Page - Texas Instruments LM48512_15 Datasheet HTML 2Page - Texas Instruments LM48512_15 Datasheet HTML 3Page - Texas Instruments LM48512_15 Datasheet HTML 4Page - Texas Instruments LM48512_15 Datasheet HTML 5Page - Texas Instruments LM48512_15 Datasheet HTML 6Page - Texas Instruments LM48512_15 Datasheet HTML 7Page - Texas Instruments LM48512_15 Datasheet HTML 8Page - Texas Instruments LM48512_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM48512
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
(1)
6.0V
Storage Temperature
−65°C to +150°C
Power Dissipation (3)
Internally Limited
ESD Rating (4)
2000V
ESD Rating (5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (TLA16QSA)
50°C/W
Soldering Information
See AN-1112 “Micro SMD Wafer Level Chip
Scale Package”
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.3V
≤ VDD ≤ 5.5V
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: LM48512


Số phần tương tự - LM48512_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
[Old version datasheet]   PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
More results

Mô tả tương tự - LM48512_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
[Old version datasheet]   PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Eutech Microelectronics...
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
   Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
   Boosted Class D Audio Power Amplifier
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
[Old version datasheet]   Boosted Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com