công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48312 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM48312
Giải thích chi tiết về linh kiện  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM48312 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM48312 Datasheet HTML 7Page - Texas Instruments LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments LM48312 Datasheet HTML 10Page - Texas Instruments LM48312 Datasheet HTML 11Page - Texas Instruments LM48312 Datasheet HTML 12Page - Texas Instruments LM48312 Datasheet HTML 13Page - Texas Instruments LM48312 Datasheet HTML 14Page - Texas Instruments LM48312 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
0
0.01
0.02
0.03
0.04
0.05
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
1
2
3
4
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
FREQUENCY (Hz)
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
Spread Spectrum Output Spectrum
Wideband Spread Spectrum Output Spectrum
vs Frequency
vs Frequency
VDD = 5V, VIN = 1VRMS, RL = 8Ω
VDD = 5V, RL = 8Ω
Figure 35.
Figure 36.
Supply Current vs Supply Voltage
Shutdown Supply Current vs Supply Voltage
No Load
No Load
Figure 37.
Figure 38.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48312


Số phần tương tự - LM48312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48312TLE NSC-LM48312TLE Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48312TLX NSC-LM48312TLX Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
More results

Mô tả tương tự - LM48312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com